Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2010-050 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 2010-050
Description  DIGITAL ACCELEROMETER MODULE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2010-050 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2010-050 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2010-050 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2010-050 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicon Designs, Inc.
! 1445-NW Mall Street, Issaquah, WA 98027-5344 ! Phone: 425-391-8329 ! Fax: 425-391-0446
web site: www.silicondesigns.com
[page 2]
Sep 07
Model 2010 Digital Accelerometer Module
ABSOLUTE MAXIMUM RATINGS *
Operating Temperature (Case & Cable) . . . . -55 to +125
EC
Operating Temperature (Connector) . . . . . . . -40 to +65
EC
Storage Temperature . . . . . . . . . . . . . . . . . . . -40 to +65
EC
Acceleration Over-range . . . . . . . . . . . . . . 2000g for 0.1 ms
Voltage on V
DD to GND
. . . . . . . . . . . . . . . . . . -0.5V to 6.5V
Voltage on CNT or CLK to GND
1 . . . . . . . . -0.5V to V
DD+0.5V
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mW
* NOTICE:
Stresses above those listed under "Absolute
Maximum Ratings" may cause permanent damage to the
device. These are stress ratings only. Functional operation
of the device at or above these conditions is not implied.
Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
ESD CONSIDERATIONS: The model 2010 accelerometer is
a CMOS device subject to damage by large electrostatic
discharges. Diode protection is provided on the inputs and
outputs but care should be exercised during handling of the
connector or cable wire ends (without connector). Individuals
and tools should be grounded before coming in contact with
the connector pins or cable wire ends (without connector).
PERFORMANCE - by Model: V
DD=5.0VDC, FCLK=250kHz, TC=25
EC.
Model Number
2010-002 2010-005 2010-010 2010-025 2010-050 2010-100 2010-200
Units
Input Range
±2
±5
±10
±25
±50
±100
±200
g
Frequency Response (Nominal, 3 dB)
0 - 400
0 - 600
0 - 1000
0 - 1400
0 - 1600
0 - 1800
0 - 2000
Hz
Sensitivity (F
CLK=250kHz)
62.5
25.0
12.5
5.00
2.50
1.25
0.625
kHz/g
Max. Mechanical Shock (0.1 ms)
2000
g
PERFORMANCE - all Models: Unless otherwise specified V
DD=5.0 VDC, FCLK=250kHz, TC=25
EC.
PARAMETER
MIN
TYP
MAX
UNITS
Cross Axis Sensitivity
2
3
%
Bias Calibration Error
2
-002
2
4
% of F
CLK (span)
-005 thru -200
1
2
Bias Temperature Shift
(T
C= -55 to +125EC)
2
-002
150
400
(ppm of F
CLK)/EC
-005 thru -200
100
300
Scale Factor Calibration Error
2, 3
1
2
%
Scale Factor Temperature Shift (T
C= -55 to +125EC)
2
+300
ppm/
EC
Non-Linearity
(-90 to +90% of Full Scale)
2, 3
-002 thru -100
0.5
1.0
% of span
-200
0.7
1.5
Power Supply Rejection Ratio
40
dB
Operating Voltage
4.5
5.0
5.5
Volts
Operating Current
2
2
3
mA
Clock Input Voltage Range (with respect to GND)
-0.5
V
DD+0.5
Volts
Mass (not including cable)
8
grams
Cable Mass
25
grams/meter
Notes:
1. Voltages on the CLK & CNT signal wires may exceed 0.5 volt above or below the
supply voltage provided the current into or out of the wire is limited to 1 mA.
2. Tighter tolerances available on special order.
3. 100g versions and above are tested from -65 to +65g.
CONNECTOR: Switchcraft model EN3C6F (mating connector EN3L6M).
ALTERNATE OUTPUT VERSION AVAILABLE: A custom version may be ordered which provides the DIR (direction) output
instead of the CNT (count) output. For a description of the DIR signal, see the model 1010 data sheet.
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE


Similar Part No. - 2010-050

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2010-1 KR-2010-1 Datasheet
27Kb / 1P
   Bandpass Filter
logo
WAGO Kontakttechnik Gmb...
2010-1201 WAGO-2010-1201 Datasheet
1Mb / 20P
   2-conductor through terminal block; 10 mm짼; suitable for Ex e II applications
23.11.2021
2010-1202 WAGO-2010-1202 Datasheet
1Mb / 19P
   2-conductor through terminal block; 10 mm짼; suitable for Ex e II applications
24.11.2021
2010-1204 WAGO-2010-1204 Datasheet
1Mb / 20P
   2-conductor through terminal block; 10 mm짼; for Ex e II and Ex i applications
23.11.2021
2010-1207 WAGO-2010-1207 Datasheet
554Kb / 16P
   2-conductor ground terminal block; 10 mm짼; suitable for Ex e II applications
23.11.2021
More results

Similar Description - 2010-050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2420-002 ETC2-2420-002 Datasheet
534Kb / 4P
   TRIAXIAL DIGITAL ACCELEROMETER MODULE
logo
Analog Devices
ADXL345TCCZ-EP AD-ADXL345TCCZ-EP Datasheet
656Kb / 40P
   Digital Accelerometer
REV. D
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
logo
List of Unclassifed Man...
1010L-002 ETC2-1010L-002 Datasheet
1Mb / 9P
   DIGITAL ACCELEROMETER
logo
Analog Devices
ADXL343BCCZ AD-ADXL343BCCZ Datasheet
601Kb / 36P
   Digital MEMS Accelerometer
REV. 0
logo
List of Unclassifed Man...
2240-002 ETC2-2240-002 Datasheet
456Kb / 3P
   ANALOG ACCELEROMETER MODULE
2220-002 ETC2-2220-002 Datasheet
416Kb / 3P
   ANALOG ACCELEROMETER MODULE
2210-002 ETC2-2210-002 Datasheet
538Kb / 3P
   ANALOG ACCELEROMETER MODULE
2264-005 ETC2-2264-005 Datasheet
746Kb / 2P
   ANALOG ACCELEROMETER MODULE
2260-002 ETC2-2260-002 Datasheet
646Kb / 3P
   ANALOG ACCELEROMETER MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com