Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2220-100 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 2220-100
Description  ANALOG ACCELEROMETER MODULE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2220-100 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2220-100 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2220-100 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2220-100 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
Silicon Designs, Inc.
! 1445-NW Mall Street, Issaquah, WA 98027-5344 ! Phone: 425-391-8329 ! Fax: 425-391-0446
web site: www.silicondesigns.com
[page 2]
Jun 07
Model 2220 Analog Accelerometer Module
SIGNAL DESCRIPTIONS
Vs and GND (Power): Red and Black wires respectively. Power
(+9 to +32 Volts DC) and ground.
AOP and AON (Output): Green and White wires respectively.
Analog output voltages proportional to acceleration; AOP voltage
increases (AON decreases) with positive acceleration. At zero
acceleration both outputs are nominally equal to 2.5 volts. The
device experiences positive (+1g) acceleration with its lid facing
up in the Earth’s gravitational field. Either output can be used
individually or the two outputs can be used differentially. (See
output response plot below)
PERFORMANCE
- By Model: V
S=+9 to +32VDC, TC=25
EC
MODEL NUMBER
2220-002 2220-005 2220-010 2220-025 2220-050 2220-100 2220-200
UNITS
Input Range
±2
±5
±10
±25
±50
±100
±200
g
Frequency Response (Nominal, 3 dB)
1
0 - 400
0 - 600
0 - 1000 0 - 1500
0 - 2000 0 - 2500
0 - 2500
Hz
Sensitivity, Differential
2
2000
800
400
160
80
40
20
mV/g
Output Noise, Differential (RMS, typical)
8
9
10
25
50
100
200
µ
g/(root Hz)
Max. Mechanical Shock (0.1 ms)
2000
g
Note 1: 250Hz ±100Hz, -3dB bandwidth, optionally available
.
Note 2: Single ended sensitivity is half of values shown
.
PERFORMANCE
- All Models: Unless otherwise specified, Vs=+9 to +32VDC, T
C=25
EC, Differential Mode.
PARAMETER
MIN
TYP
MAX
UNITS
Cross Axis Sensitivity
1
2
%
Bias Calibration Error
-002
4.0
% of span
-005 thru -200
1.5
Bias Temperature Shift
(T
C= -40 to +80EC)
-002
100
200
(ppm of span)/
EC
-005 thru -200
50
100
Scale Factor Calibration Error
3
1
2
%
Scale Factor Temperature Shift
(T
C= -40 to +80EC)
-002 thru -010
-250
+150
ppm/
EC
-025 thru -200
-150
Non-Linearity
(-90 to +90% of Full Scale)
3, 4
-002 thru -050
0.15
0.5
% of span
-100
0.25
1.0
-200
0.40
1.5
Power Supply Rejection Ratio
50
>65
dB
Output Impedance
1
Output Common Mode Voltage
2.45
VDC
Operating Voltage
9
32
VDC
Operating Current (AOP & AON open)
12
14
mA DC
Mass (not including cable)
10
grams
Cable Mass
25
grams/meter
Note 3: 100g versions and above are tested from -65g to +65g.
Note 4: Tighter tolerances are available on special order.


Similar Part No. - 2220-100

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
2220-30-1 TEKTRONIX-2220-30-1 Datasheet
741Kb / 4P
   Multi-Channel USB and USB/GPIB Programmable DC Power Supplies
logo
Bourns Electronic Solut...
2220-RC BOURNS-2220-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
2220-RC BOURNS-2220-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
2220-RC BOURNS-2220-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
2220-RC BOURNS-2220-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
More results

Similar Description - 2220-100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2240-002 ETC2-2240-002 Datasheet
456Kb / 3P
   ANALOG ACCELEROMETER MODULE
2210-002 ETC2-2210-002 Datasheet
538Kb / 3P
   ANALOG ACCELEROMETER MODULE
2264-005 ETC2-2264-005 Datasheet
746Kb / 2P
   ANALOG ACCELEROMETER MODULE
2260-002 ETC2-2260-002 Datasheet
646Kb / 3P
   ANALOG ACCELEROMETER MODULE
2012-002 ETC2-2012-002 Datasheet
717Kb / 3P
   ANALOG ACCELEROMETER MODULE
2440-002 ETC2-2440-002 Datasheet
470Kb / 3P
   TRIAXIAL ANALOG ACCELEROMETER MODULE
2430-002 ETC2-2430-002 Datasheet
519Kb / 3P
   TRIAXIAL ANALOG ACCELEROMETER MODULE
2422-002 ETC2-2422-002 Datasheet
549Kb / 3P
   TRIAXIAL ANALOG ACCELEROMETER MODULE
1210L-005 ETC2-1210L-005 Datasheet
942Kb / 6P
   ANALOG ACCELEROMETER
logo
API Delevan
XL203A API-XL203A Datasheet
751Kb / 2P
   Triaxial Analog Accelerometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com