Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2422-100 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 2422-100
Description  TRIAXIAL ANALOG ACCELEROMETER MODULE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2422-100 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2422-100 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2422-100 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2422-100 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
Silicon Designs, Inc.
! 1445 NW Mall Street, Issaquah, WA 98027-5344 ! Phone: 425-391-8329 ! Fax: 425-391-0446
web site: www.silicondesigns.com
[page 2]
May 07
Model 2422
Analog Accelerometer Module
ABSOLUTE MAXIMUM RATINGS
*
Case Operating Temperature . . . . . . . . . . . . . . -55 to +125
EC
Storage Temperature . . . . . . . . . . . . . . . . . . . . -55 to +125
EC
Acceleration Over-range . . . . . . . . . . . . . . . . 2000g for 0.1 ms
Voltage on V
DD to GND . . . . . . . . . . . . . . . . . . . . -0.5V to 6.5V
Voltage on Any Pin to GND
1 . . . . . . . . . . . -0.5V to V
DD+0.5V
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . 250 mW
* NOTICE:
Stresses above those listed under "Absolute
Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only.
Functional operation of the
device at or above these conditions is not implied. Exposure to
absolute maximum rating conditions for extended periods may
affect device reliability.
ESD CONSIDERATIONS: The model 2422 accelerometer is
a CMOS device subject to damage by large electrostatic
discharges. Diode protection is provided on the outputs but care
should be exercised during handling of the cable wire ends.
Individuals and tools should be grounded before coming in
contact with the cable wire ends .
PERFORMANCE
- By Model: V
DD=5.0VDC, TC=25
EC.
MODEL NUMBER
2422-002 2422-005 2422-010 2422-025 2422-050 2422-100 2422-200 2422-400
UNITS
Input Range
±2
±5
±10
±25
±50
±100
±200
±400
g
Frequency Response (Nominal, 3 dB)
0 - 300
0 - 400
0 - 600
0 - 1000 0 - 1500 0 - 2000 0 - 2500 0 - 3500
Hz
Sensitivity (Differential)
2
2000
800
400
160
80
40
20
10
mV/g
Output Noise, Differential (RMS, typical)
13
32
63
158
316
632
1265
2530
µ
g/(root Hz)
Max Mechanical Shock (0.1 ms)
2000
g
PERFORMANCE
- All Models: Unless otherwise specified V
DD=5.0VDC, TC=25
EC, Differential Mode.
Parameter
Min
Typ
Max
Units
Cross Axis Sensitivity
2
3
%
Bias Calibration Error
3
-002 & -005
2
4
% of span
-010 thru -200
1
2
Bias Temperature Shift
(T
C= -55 to +125EC)
3
-002 & -005
100
300
(ppm of span)/
EC
-010 thru -200
50
200
Scale Factor Calibration Error
3, 4
1
2
%
Scale Factor Temperature Shift (T
C= -55 to +125EC)
3
+300
ppm/
EC
Non-Linearity
(-90 to +90% of Full Scale)
3, 4
-002 thru -100
0.5
1.0
% of span
-200
0.7
1.5
-400
1.0
2.0
Power Supply Rejection Ratio
25
dB
Output Impedance
90
Operating Voltage
4.75
5.0
5.25
V
Operating Current
3
21
30
mA
Mass (not including cable)
21
grams
Cable Mass
18
grams/meter
Notes:
1. Voltages AOP & AON may exceed 0.5 volt above or below the supply voltage, provided the current into or out of the wire is limited to 1mA.
2. Single ended sensitivity is half of values shown.
3. Tighter tolerances are available on special order.
4. 100g versions and above are tested from -65 to +65g.


Similar Part No. - 2422-100

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
2422 YANTEL-2422 Datasheet
75Kb / 2P
   Variable RF Inductor
logo
Heyco.
2422 HEYCO-2422 Datasheet
105Kb / 1P
   Universal Bushings
logo
C&D Technologies
24220 CANDD-24220 Datasheet
100Kb / 2P
   Bobbin Wound Surface Mount Inductors
logo
Murata Manufacturing Co...
24220C MURATA-24220C Datasheet
170Kb / 4P
   Bobbin Wound Surface Mount Inductors
logo
C&D Technologies
24221 CANDD-24221 Datasheet
100Kb / 2P
   Bobbin Wound Surface Mount Inductors
More results

Similar Description - 2422-100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2430-002 ETC2-2430-002 Datasheet
519Kb / 3P
   TRIAXIAL ANALOG ACCELEROMETER MODULE
2440-002 ETC2-2440-002 Datasheet
470Kb / 3P
   TRIAXIAL ANALOG ACCELEROMETER MODULE
logo
API Delevan
XL203A API-XL203A Datasheet
751Kb / 2P
   Triaxial Analog Accelerometer
logo
List of Unclassifed Man...
2420-002 ETC2-2420-002 Datasheet
534Kb / 4P
   TRIAXIAL DIGITAL ACCELEROMETER MODULE
2412-005 ETC2-2412-005 Datasheet
156Kb / 2P
   ANALOG OPEN FRAME TRIAXIAL ACCELEROMETER
logo
TE Connectivity Ltd
834M1 TEC-834M1 Datasheet
165Kb / 3P
   Triaxial Piezoelectric Accelerometer
832M1 TEC-832M1 Datasheet
168Kb / 3P
   Triaxial Piezoelectric Accelerometer
logo
List of Unclassifed Man...
2240-002 ETC2-2240-002 Datasheet
456Kb / 3P
   ANALOG ACCELEROMETER MODULE
2220-002 ETC2-2220-002 Datasheet
416Kb / 3P
   ANALOG ACCELEROMETER MODULE
2210-002 ETC2-2210-002 Datasheet
538Kb / 3P
   ANALOG ACCELEROMETER MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com