Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74BCT25642NT Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74BCT25642NT
Description  25-廓 OCTAL BUS TRANSCEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT25642NT Datasheet(HTML) 4 Page - Texas Instruments

  SN74BCT25642NT Datasheet HTML 1Page - Texas Instruments SN74BCT25642NT Datasheet HTML 2Page - Texas Instruments SN74BCT25642NT Datasheet HTML 3Page - Texas Instruments SN74BCT25642NT Datasheet HTML 4Page - Texas Instruments SN74BCT25642NT Datasheet HTML 5Page - Texas Instruments SN74BCT25642NT Datasheet HTML 6Page - Texas Instruments SN74BCT25642NT Datasheet HTML 7Page - Texas Instruments SN74BCT25642NT Datasheet HTML 8Page - Texas Instruments SN74BCT25642NT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SN74BCT25642
25 Ω OCTAL BUS TRANSCEIVER
SCBS047C − DECEMBER 1989 − REVISED NOVEMBER 1993
2−4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Note 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
R1 = 500
Ω†,
R2 = 500
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A
B
0.8
3.2
6
0.8
6.2
ns
tPHL
A
B
0.5
2
3.9
0.5
4
ns
tPLH
B
A
1.5
3.2
5.7
1.5
6.3
ns
tPHL
B
A
1.7
4.5
4.8
1.7
5.9
ns
tPLH
OE
A
2.8
5.5
10.4
2.8
11.6
ns
tPHL
OE
A
4.6
8.6
11.3
4.6
11.3
ns
tPZH
OE
B
3.3
5.7
8.1
3.3
9.1
ns
tPZL
OE
B
3.8
6.6
8.8
3.8
9.8
ns
tPHZ
OE
B
1.8
4.6
7
1.8
7.3
ns
tPLZ
OE
B
1.4
4.3
6.7
1.4
7.3
ns
† For A port, R1 = 100 Ω.
NOTE 3: Load circuits and voltage waveforms are shown in Section 1.


Similar Part No. - SN74BCT25642NT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT25240 TI1-SN74BCT25240 Datasheet
96Kb / 6P
[Old version datasheet]   25-??OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74BCT25240DW TI1-SN74BCT25240DW Datasheet
96Kb / 6P
[Old version datasheet]   25-??OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74BCT25240NT TI1-SN74BCT25240NT Datasheet
96Kb / 6P
[Old version datasheet]   25-??OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74BCT25244 TI-SN74BCT25244 Datasheet
73Kb / 5P
[Old version datasheet]   25-ohm OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74BCT25244 TI-SN74BCT25244 Datasheet
427Kb / 12P
[Old version datasheet]   25-W OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74BCT25642NT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN64BCT25245 TI-SN64BCT25245 Datasheet
77Kb / 5P
[Old version datasheet]   25-ohm OCTAL BUS TRANSCEIVER
logo
National Semiconductor ...
54F2640 NSC-54F2640 Datasheet
216Kb / 8P
   Octal Bus Transceiver with 25廓 Series Resistors in the Output
logo
Fairchild Semiconductor
74F2645 FAIRCHILD-74F2645 Datasheet
42Kb / 5P
   Octal Bus Transceiver with 25廓 Series Resistors in the Outputs
logo
National Semiconductor ...
54F2620 NSC-54F2620 Datasheet
183Kb / 6P
   Inverting Octal Bus Transceiver with 25廓 Series Resistors in the Output
logo
Toshiba Semiconductor
TC74HC245AP TOSHIBA-TC74HC245AP_07 Datasheet
273Kb / 8P
   Octal Bus Transceiver
TC74VHC245F TOSHIBA-TC74VHC245F_12 Datasheet
211Kb / 9P
   Octal Bus Transceiver
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A Datasheet
163Kb / 6P
   Octal Bus Transceiver
1997 REV 0
logo
Siemens Semiconductor G...
SAB8286A SIEMENS-SAB8286A Datasheet
110Kb / 6P
   OCTAL BUS TRANSCEIVER
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A_14 Datasheet
100Kb / 7P
   Octal Bus Transceiver
October, 2014 ??Rev. 7
logo
Toshiba Semiconductor
TC74VHC245F TOSHIBA-TC74VHC245F_V01 Datasheet
316Kb / 6P
   OCTAL BUS TRANSCEIVER
1997-01-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com