Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74BCT25642 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74BCT25642
Description  25-廓 OCTAL BUS TRANSCEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT25642 Datasheet(HTML) 5 Page - Texas Instruments

  SN74BCT25642 Datasheet HTML 1Page - Texas Instruments SN74BCT25642 Datasheet HTML 2Page - Texas Instruments SN74BCT25642 Datasheet HTML 3Page - Texas Instruments SN74BCT25642 Datasheet HTML 4Page - Texas Instruments SN74BCT25642 Datasheet HTML 5Page - Texas Instruments SN74BCT25642 Datasheet HTML 6Page - Texas Instruments SN74BCT25642 Datasheet HTML 7Page - Texas Instruments SN74BCT25642 Datasheet HTML 8Page - Texas Instruments SN74BCT25642 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74BCT25642DW
ACTIVE
SOIC
DW
24
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74BCT25642DWE4
ACTIVE
SOIC
DW
24
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74BCT25642DWG4
ACTIVE
SOIC
DW
24
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74BCT25642DWR
ACTIVE
SOIC
DW
24
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74BCT25642DWRE4
ACTIVE
SOIC
DW
24
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74BCT25642DWRG4
ACTIVE
SOIC
DW
24
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74BCT25642NT
ACTIVE
PDIP
NT
24
15
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
SN74BCT25642NTE4
ACTIVE
PDIP
NT
24
15
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
10-May-2007
Addendum-Page 1


Similar Part No. - SN74BCT25642

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT25240 TI1-SN74BCT25240 Datasheet
96Kb / 6P
[Old version datasheet]   25-??OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74BCT25240DW TI1-SN74BCT25240DW Datasheet
96Kb / 6P
[Old version datasheet]   25-??OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74BCT25240NT TI1-SN74BCT25240NT Datasheet
96Kb / 6P
[Old version datasheet]   25-??OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74BCT25244 TI-SN74BCT25244 Datasheet
73Kb / 5P
[Old version datasheet]   25-ohm OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74BCT25244 TI-SN74BCT25244 Datasheet
427Kb / 12P
[Old version datasheet]   25-W OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74BCT25642

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN64BCT25245 TI-SN64BCT25245 Datasheet
77Kb / 5P
[Old version datasheet]   25-ohm OCTAL BUS TRANSCEIVER
logo
National Semiconductor ...
54F2640 NSC-54F2640 Datasheet
216Kb / 8P
   Octal Bus Transceiver with 25廓 Series Resistors in the Output
logo
Fairchild Semiconductor
74F2645 FAIRCHILD-74F2645 Datasheet
42Kb / 5P
   Octal Bus Transceiver with 25廓 Series Resistors in the Outputs
logo
National Semiconductor ...
54F2620 NSC-54F2620 Datasheet
183Kb / 6P
   Inverting Octal Bus Transceiver with 25廓 Series Resistors in the Output
logo
Toshiba Semiconductor
TC74HC245AP TOSHIBA-TC74HC245AP_07 Datasheet
273Kb / 8P
   Octal Bus Transceiver
TC74VHC245F TOSHIBA-TC74VHC245F_12 Datasheet
211Kb / 9P
   Octal Bus Transceiver
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A Datasheet
163Kb / 6P
   Octal Bus Transceiver
1997 REV 0
logo
Siemens Semiconductor G...
SAB8286A SIEMENS-SAB8286A Datasheet
110Kb / 6P
   OCTAL BUS TRANSCEIVER
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A_14 Datasheet
100Kb / 7P
   Octal Bus Transceiver
October, 2014 ??Rev. 7
logo
Toshiba Semiconductor
TC74VHC245F TOSHIBA-TC74VHC245F_V01 Datasheet
316Kb / 6P
   OCTAL BUS TRANSCEIVER
1997-01-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com