Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9076604QEA Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9076604QEA
Description  QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5962-9076604QEA Datasheet(HTML) 6 Page - Texas Instruments

Back Button 5962-9076604QEA Datasheet HTML 2Page - Texas Instruments 5962-9076604QEA Datasheet HTML 3Page - Texas Instruments 5962-9076604QEA Datasheet HTML 4Page - Texas Instruments 5962-9076604QEA Datasheet HTML 5Page - Texas Instruments 5962-9076604QEA Datasheet HTML 6Page - Texas Instruments 5962-9076604QEA Datasheet HTML 7Page - Texas Instruments 5962-9076604QEA Datasheet HTML 8Page - Texas Instruments 5962-9076604QEA Datasheet HTML 9Page - Texas Instruments 5962-9076604QEA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SN55LBC173
QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SGLS081A – MARCH 1995 – REVISED JUNE 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
S2
0 V
3 V
S2 Closed
tPLZ
S2 Open
tPZL
VOL
Output
Input
1.3 V
2 V
(see Note A)
Generator
Output
(see Note B)
CL = 15 pF
– 1.5 V
See Note C
0.5 V
1.3 V
1.3 V
(see Note D)
50
5 k
2 k
VCC
≈ 1.4 V
TEST CIRCUIT
VOLTAGE WAVEFORMS
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR = 1 MHz, duty cycle
≤ 50%, tr ≤ 6 ns,
tf ≤ 6 ns, ZO = 50 Ω.
B. CL includes probe and jig capacitance.
C. All diodes are 1N916 or equivalent.
D. To test the active-low enable G, ground G and apply an inverted input waveform to G.
Figure 3. tPZL and tPLZ Test Circuit and Voltage Waveforms
TYPICAL CHARACTERISTICS
1.5
1
0.5
0
010
20
30
40
50
2
2.5
OUTPUT VOLTAGE
vs
DIFFERENTIAL INPUT VOLTAGE
3
60
70
80
90 100
3.5
4
4.5
VID – Differential Input Voltage – mV
VCC = 5 V
TA = 25°C
Figure 4
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
Figure 5
1.5
1
0.5
0
0
– 4
– 8 – 12 – 16 – 20
2
2.5
3
– 24 – 28 – 32 – 36 – 40
3.5
4
4.5
IOH – High-Level Output Current – mA
5
5.5
VCC = 4.75 V
VCC = 5.25 V
VCC = 5 V
VID = 0.2 V
TA = 25°C


Similar Part No. - 5962-9076604QEA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9076604QEA TI-5962-9076604QEA Datasheet
312Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
More results

Similar Description - 5962-9076604QEA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LBC173 TI-SN55LBC173 Datasheet
312Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SN55LBC173-DIE TI1-SN55LBC173-DIE Datasheet
97Kb / 5P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SNJ55LBC173 TI-SNJ55LBC173 Datasheet
137Kb / 8P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SN55LBC173-HIREL TI1-SN55LBC173-HIREL Datasheet
190Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SN55LBC175 TI-SN55LBC175 Datasheet
137Kb / 8P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVER
SN55LBC175 TI-SN55LBC175_04 Datasheet
321Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32_07 Datasheet
691Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com