Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9076603Q2A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9076603Q2A
Description  QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5962-9076603Q2A Datasheet(HTML) 1 Page - Texas Instruments

  5962-9076603Q2A Datasheet HTML 1Page - Texas Instruments 5962-9076603Q2A Datasheet HTML 2Page - Texas Instruments 5962-9076603Q2A Datasheet HTML 3Page - Texas Instruments 5962-9076603Q2A Datasheet HTML 4Page - Texas Instruments 5962-9076603Q2A Datasheet HTML 5Page - Texas Instruments 5962-9076603Q2A Datasheet HTML 6Page - Texas Instruments 5962-9076603Q2A Datasheet HTML 7Page - Texas Instruments 5962-9076603Q2A Datasheet HTML 8Page - Texas Instruments 5962-9076603Q2A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SN55LBC175
QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVER
SGLS083A – MARCH 1995 – REVISED JUNE 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Meets EIA Standards RS-422-A, RS-423-A,
RS-485, and CCITT V.11
D Designed to Operate With Pulse Durations
as Short as 20 ns
D Designed for Multipoint Transmission on
Long Bus Lines in Noisy Environments
D Input Sensitivity . . . ±200 mV
D Low-Power Consumption . . . 20 mA Max
D Open-Circuit Fail-Safe Design
D Common-Mode Input Voltage Range of
– 7 V to 12 V
description
The SN55LBC175 is a monolithic quadruple
differential line receiver with 3-state outputs and is
designed to meet the requirements of the EIA
Standards RS-422-A, RS-423-A, RS-485, and
CCITT V.11. This device is optimized for balanced
multipoint bus transmission at data rates up to and
exceeding 10 million bits per second. The
receivers are enabled in pairs with an active-high
enable input. Each differential receiver input
features
high
impedance,
hysteresis
for
increased noise immunity, and sensitivity of
±200
mV over a common-mode input voltage range of
12 V to –7 V. Fail-safe design ensures that if the
inputs are open-circuited, the outputs are always
high. This device is designed using the Texas
Instruments proprietary LinBiCMOS
™ technology
allowing low power consumption, high switching
speeds, and robustness.
This device offers optimum performance when used with the SN55LBC174 quadruple line driver. The
SN55LBC175 is available in the 16-pin CDIP (J) package, a 16-pin CPAK (W) package, or a 20-pin LCCC (FK)
package.
The SN55LBC175 is characterized over the military temperature range of – 55
°C to 125°C.
FUNCTION TABLE
(each receiver)
DIFFERENTIAL INPUTS
A–B
ENABLE
OUTPUT
Y
VID ≥ 0.2 V
H
H
– 0.2 V < VID < 0.2 V
H
?
VID ≤ – 0.2 V
H
L
X
L
Z
Open circuit
H
H
H = high level,
L = low level,
X = irrelevant,
Z = high impedance (off),
? = indeterminate
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
LinBiCMOS is a trademark of Texas Instruments.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1Y
1, 2EN
2Y
2A
2B
GND
VCC
4B
4A
4Y
3, 4EN
3Y
3A
3B
J OR W PACKAGE
(TOP VIEW)
NC – No internal connection
FK PACKAGE
(TOP VIEW)
19
20
1
32
17
18
16
15
14
13
12
11
9
10
5
4
6
7
8
4A
4Y
NC
3, 4EN
3Y
1Y
1, 2EN
NC
2Y
2A


Similar Part No. - 5962-9076603Q2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9076601M2A TI1-5962-9076601M2A Datasheet
467Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
5962-9076601M2A TI1-5962-9076601M2A Datasheet
445Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
5962-9076601VEA TI1-5962-9076601VEA Datasheet
467Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
5962-9076601VEA TI1-5962-9076601VEA Datasheet
445Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
5962-9076602M2A TI1-5962-9076602M2A Datasheet
467Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
More results

Similar Description - 5962-9076603Q2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LBC175 TI-SN55LBC175 Datasheet
137Kb / 8P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32_07 Datasheet
691Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197NSR TI1-SN75ALS197NSR Datasheet
793Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI1-AM26C32_18 Datasheet
1Mb / 31P
[Old version datasheet]   Quadruple Differential Line Receiver
SN75ALS199 TI1-SN75ALS199_14 Datasheet
526Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP Datasheet
164Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32QDR TI1-AM26C32QDR Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com