Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC048B025T017TP Datasheet(PDF) 4 Page - Vicor Corporation

Part # DC048B025T017TP
Description  48 V Input DC-DC Converter Modules
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

DC048B025T017TP Datasheet(HTML) 4 Page - Vicor Corporation

  DC048B025T017TP Datasheet HTML 1Page - Vicor Corporation DC048B025T017TP Datasheet HTML 2Page - Vicor Corporation DC048B025T017TP Datasheet HTML 3Page - Vicor Corporation DC048B025T017TP Datasheet HTML 4Page - Vicor Corporation DC048B025T017TP Datasheet HTML 5Page - Vicor Corporation DC048B025T017TP Datasheet HTML 6Page - Vicor Corporation DC048B025T017TP Datasheet HTML 7Page - Vicor Corporation DC048B025T017TP Datasheet HTML 8Page - Vicor Corporation DC048B025T017TP Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
VI Brick / 48V Input DC-DC Converter Modules
vicorpower.com
Rev. 1.0
Page 4 of 21
Parameter
Min
Typ
Max
Unit
Notes
In to out
2,250
Vdc
Test voltage, complies with basic insulation requirements
Isolation voltage
In to base
2,250
Vdc
Test voltage, complies with basic insulation requirements
Out to base
707
Vdc
Test voltage, complies with operational insulation requirements
Isolation resistance (in to out)
10
megohms
Weight
2.19
ounces
62.14
grams
Thermal protection
125
130
135
°C
Junction temperature, with automatic recovery
Agency approvals
cTÜVus, CE
UL60950-1, CSA0950-1, EN60950-1, IEC60950-1.
With appropriate fuse in series with the +Input
Note: Specifications are subject to change without notice.
MODULE FAMILY ELECTRICAL CHARACTERISTICS (CONT.)
General Specifications


Similar Part No. - DC048B025T017TP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DC048B025T017FP VICOR-DC048B025T017FP Datasheet
2Mb / 21P
   48 V Input DC-DC Converter Modules
More results

Similar Description - DC048B025T017TP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DC048B010T010FP VICOR-DC048B010T010FP Datasheet
2Mb / 21P
   48 V Input DC-DC Converter Modules
logo
Texas Instruments
PTB48500 TI1-PTB48500_15 Datasheet
518Kb / 17P
[Old version datasheet]   48-V INPUT ISOLATED DC/DC CONVERTER
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4410 TI-PT4410 Datasheet
243Kb / 10P
[Old version datasheet]   100-Watt 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com