Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC44BC375UA Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MC44BC375UA
Description  PLL Tuned VHF Audio/Video High Integration IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BC375UA Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC44BC375UA Datasheet HTML 4Page - Freescale Semiconductor, Inc MC44BC375UA Datasheet HTML 5Page - Freescale Semiconductor, Inc MC44BC375UA Datasheet HTML 6Page - Freescale Semiconductor, Inc MC44BC375UA Datasheet HTML 7Page - Freescale Semiconductor, Inc MC44BC375UA Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44BC375UA Datasheet HTML 9Page - Freescale Semiconductor, Inc MC44BC375UA Datasheet HTML 10Page - Freescale Semiconductor, Inc MC44BC375UA Datasheet HTML 11Page - Freescale Semiconductor, Inc MC44BC375UA Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
MC44BC375UA Advance Information
Pin Selection
8 Pin Selection
By default (open condition), all pins are “HI”.
8.1 Test Modes
NOTE:
Test modes are intended for manufacturing test purpose only and not to be
be used for normal application.
9 High Frequency Characteristics
For all the following specifications and unless otherwise stated: Vcc = 5.0V, T amb. = 25°C.Video input
1Vp-p, 10 step greyscale.RF inputs/outputs into 75
load.SPECIFICATIONS ONLY VALID FOR
ENVELOPE DEMODULATION. Measured on both channel 3 and 4. See Section 12, “Characterization
Measurement Conditions” on page 9.
Pin Nb
Pin Name
LO (grounded)
HI (Open or +5V)
1
CHS
CH4
CH3
2
PSS
14dB
16dB
9
PSave/LO
Power save Mode
LOP pin LO (Low voltage)
Normal Operation
LOP pin HI (High impedance
16
SFS
5.5Mhz
4.5Mhz
Pin
DC level
Description
CHS
Vcc + 0.3V
Vcc + 1.1V
Low frequency testing (RF frequency divided by)
Base band test mode (DC drive applied to modulators)
PSS
Vcc + 1Vbe
Transient Output Inhibit Disabled
SFS
Vcc + 1Vbe
Sound Oscillator OFF
VIDEO
Vcc + 0.3V
Vcc + 1.1V
Force UHF and Sound PLL Upper current source
Force UHF and Sound PLL Lower current source
Parameter
Test Conditions
Min
Typ
Max
Unit
Type
TV OUT output level
78
80
83
dBuV
B
Sound subcarrier Harmonics (fp+n*fs)
Ref Picture carrier
-
-72
-65
dBc
C
Second Harmonic of chroma subcarrier.
Using red EBU bar
-
-
-60
dBc
C
Chroma/Sound intermodulation: fp + (fsnd-
fchr)
Using red EBU bar
-
-
-60
dBc
C
Fo (picture carrier) Harmonics
2nd harmonic
3rd harmonic
46
73
dBµV
dBµV
C
C
Out Band (picture carrier) Spurious
1/2*Fo - 1/4*Fo - 3/2*Fo - 3/4*Fo
32
dBµV
C
In band spurious (Fo +/- 5 MHz range)
No video or sound modulation
-60
dBc
C
4 MHz Crystal Spurious (Fo +/- 4 MHz)
No video or sound modulation
-75
dBc
C
Note:
1: Picture carrier harmonics are highly dependant on PCB layout and decoupling capacitors.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC44BC375UA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC44BC375UA FREESCALE-MC44BC375UA Datasheet
617Kb / 16P
   PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
MC44BC375UAD FREESCALE-MC44BC375UAD Datasheet
617Kb / 16P
   PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
MC44BC375UAEF FREESCALE-MC44BC375UAEF Datasheet
617Kb / 16P
   PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
More results

Similar Description - MC44BC375UA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC44BC375 FREESCALE-MC44BC375 Datasheet
558Kb / 20P
   PLL Tuned VHF Audio/Video High Integration Modulator ICs
logo
Motorola, Inc
MC44BC375 MOTOROLA-MC44BC375 Datasheet
537Kb / 20P
   PLL Tuned VHF Audio/ Video High Integration Modulator ICs
logo
Freescale Semiconductor...
MC44BS373CA FREESCALE-MC44BS373CA Datasheet
880Kb / 52P
   PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
logo
Motorola, Inc
MC44BS373CA MOTOROLA-MC44BS373CA Datasheet
637Kb / 52P
   PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
logo
Freescale Semiconductor...
MC44BS374T1 FREESCALE-MC44BS374T1 Datasheet
1Mb / 34P
   PLL Tuned UHF and VHF Audio/Video High Integration Modulator
MC44BC373C FREESCALE-MC44BC373C Datasheet
1Mb / 30P
   PLL Tuned UHF and VHF Audio/Video High Integration Modulator
MC44BC374T1 FREESCALE-MC44BC374T1 Datasheet
659Kb / 26P
   PLL Tuned PAL/NTSC UHF and VHF Audio/Video High Integration Modulator IC
logo
NXP Semiconductors
MC44BC375 NXP-MC44BC375 Datasheet
626Kb / 20P
   MC44BC375/U/J/T PLL Tuned VHF Audio/Video High Integration Modulator ICs
Rev. 2.6 01/2003
logo
Freescale Semiconductor...
MC44CC375AV FREESCALE-MC44CC375AV Datasheet
313Kb / 16P
   PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
MC44BC375U FREESCALE-MC44BC375U Datasheet
617Kb / 16P
   PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com