Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANC2415RD Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # LANC2415RD
Description  Single and Dual Output DIP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANC2415RD Datasheet(HTML) 1 Page - Wall Industries,Inc.

  LANC2415RD Datasheet HTML 1Page - Wall Industries,Inc. LANC2415RD Datasheet HTML 2Page - Wall Industries,Inc. LANC2415RD Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LAN C SERIES
TO 3 WATTS
WWW
.WALLINDUSTRIES.COM
1
603 778 2300
TO 3 WATTS - LAN C SERIES
Single and Dual Output DIP Package
FEATURES
• Miniature Dual In-Line Package
• Two Levels of Isolation Available
• Low Reflected Ripple Current
• Regulated
• Ripple/Noise: 50mV p-p typical
• 3KV isolation option
THE LAN C SERIES FROM WALL INDUSTRIES
Offering alternate combinations from four different input volt-
age ranges; nine different output voltages; two levels of iso-
lation and three tiers of power, the LAN C Series of DC/DC
converters can be tailor-made to fit most any low power con-
version requirement.
SPECIFICATIONS: LAN C SERIES
All specifications apply @ +25 C ambient unless otherwise
noted.
INPUT SPECIFICATIONS
Input Voltage Range ....5, 12, 15, 24,48VDC ±10%
Input Filtering ........................................Pi Network
OUTPUT SPECIFICATIONS
Output Current ........................................see table
Voltage Tolerance ..........±5 (nom. line, 100% load)
Line Regulation: Regulated ..........................±1.0%
Load Regulation: Regulated(H option L & L = .5%)±1.0%
Ripple/Noise (20MHz BW) ......................50mV p-p
Short Circuit Protection ........................continuous
GENERAL SPECIFICATIONS
Efficiency (typical) ..................................55 to 65%
Isolation Voltage (input to output)500VDC or 3000VDC
Switching Frequency ..........................40kHz (min.)
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature ......................-25° to 71°C
Storage Temperature ......................-40° to +125°C
Cooling ....................................Free air convection
PHYSICAL SPECIFICATIONS
Dimensions: ......................................1.25 x 0.8 x 0.4”
Case Material.................Non-conductive black plastic
Due to advances in technology, specifications subject to change without
notice.
6/13/08
Rev B


Similar Part No. - LANC2415RD

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC2415DUW12 WALL-LANC2415DUW12 Datasheet
243Kb / 3P
   Single and Dual Output 12 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage
LANC2415DUW15 WALL-LANC2415DUW15 Datasheet
177Kb / 5P
   15 Watt DC/DC Power Converters
LANC2415DUW15 WALL-LANC2415DUW15 Datasheet
232Kb / 5P
   Single and Dual Outputs
LANC2415DUW8 WALL-LANC2415DUW8 Datasheet
244Kb / 3P
   Single and Dual Output 8 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage
LANC2415DUW8 WALL-LANC2415DUW8 Datasheet
388Kb / 5P
   8 Watt DC/DC Power Converters
More results

Similar Description - LANC2415RD

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
VRA1205LD-15WR2 MORNSUN-VRA1205LD-15WR2 Datasheet
1Mb / 9P
   DUAL/SINGLE OUTPUT DIP PACKAGING,
WRE1205P-3W MORNSUN-WRE1205P-3W Datasheet
122Kb / 2P
   SINGLE/DUAL OUTPUT DIP DC-DC CONVERTER
WRA0505ZP-6W MORNSUN-WRA0505ZP-6W Datasheet
117Kb / 2P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
WRA1205N-2W MORNSUN-WRA1205N-2W Datasheet
112Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRA0505ZP-3W MORNSUN-WRA0505ZP-3W Datasheet
166Kb / 2P
   DUAL/SINGLE OUTPUT, DIP DC-DC CONVERTER
MSB0509D-3W MORNSUN-MSB0509D-3W Datasheet
465Kb / 6P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
URA2405D-30W MORNSUN-URA2405D-30W Datasheet
989Kb / 6P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
WRB0515P-3W MORNSUN-WRB0515P-3W Datasheet
322Kb / 3P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
MSA0505MD-3W MORNSUN-MSA0505MD-3W Datasheet
101Kb / 3P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
URA2405D-30WR2 MORNSUN-URA2405D-30WR2 Datasheet
1Mb / 7P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com