Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT574TQCTG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT574TQCTG4
Description  8-BIT REGISTERS WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT574TQCTG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CY74FCT574TQCTG4 Datasheet HTML 4Page - Texas Instruments CY74FCT574TQCTG4 Datasheet HTML 5Page - Texas Instruments CY74FCT574TQCTG4 Datasheet HTML 6Page - Texas Instruments CY74FCT574TQCTG4 Datasheet HTML 7Page - Texas Instruments CY74FCT574TQCTG4 Datasheet HTML 8Page - Texas Instruments CY74FCT574TQCTG4 Datasheet HTML 9Page - Texas Instruments CY74FCT574TQCTG4 Datasheet HTML 10Page - Texas Instruments CY74FCT574TQCTG4 Datasheet HTML 11Page - Texas Instruments CY74FCT574TQCTG4 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
no Sb/Br)
CY74FCT574TSOCG4
ACTIVE
SOIC
DW
20
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CY74FCT574TSOCT
ACTIVE
SOIC
DW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CY74FCT574TSOCTE4
ACTIVE
SOIC
DW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CY74FCT574TSOCTG4
ACTIVE
SOIC
DW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
9-Oct-2007
Addendum-Page 2


Similar Part No. - CY74FCT574TQCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT574TQCTG4 TI-CY74FCT574TQCTG4 Datasheet
198Kb / 15P
[Old version datasheet]   8-BIT REGISTERS WITH 3-STATE OUTPUTS
CY74FCT574TQCTG4 TI-CY74FCT574TQCTG4 Datasheet
320Kb / 14P
[Old version datasheet]   8-BIT REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - CY74FCT574TQCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY54FCT374T TI-CY54FCT374T Datasheet
198Kb / 15P
[Old version datasheet]   8-BIT REGISTERS WITH 3-STATE OUTPUTS
CY54FCT374T TI-CY54FCT374T_08 Datasheet
320Kb / 14P
[Old version datasheet]   8-BIT REGISTERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV595A RENESAS-HD74LV595A_15 Datasheet
135Kb / 16P
   8-bit Shift Registers with 3-state Outputs
logo
Hitachi Semiconductor
HD74LV595A HITACHI-HD74LV595A Datasheet
82Kb / 19P
   8-bit Shift Registers with 3-state Outputs
logo
Renesas Technology Corp
HD74LV595A RENESAS-HD74LV595A Datasheet
109Kb / 14P
   8-bit Shift Registers with 3-state Outputs
logo
Advanced Micro Devices
AM25LS374A AMD-AM25LS374A Datasheet
313Kb / 5P
   8-Bit Registers with Three-State Outputs
logo
Texas Instruments
SN54ALS299 TI1-SN54ALS299_16 Datasheet
741Kb / 17P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54ALS299 TI-SN54ALS299 Datasheet
119Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54F299 TI-SN54F299 Datasheet
108Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54F299 TI-SN54F299_08 Datasheet
519Kb / 13P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com