Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS87993AYI Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS87993AYI
Description  1-TO-5 DIFFERENTIAL-TO-3.3V LVPECL PLL CLOCK DRIVER W/DYNAMIC CLOCK SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS87993AYI Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS87993AYI Datasheet HTML 2Page - Integrated Circuit Systems ICS87993AYI Datasheet HTML 3Page - Integrated Circuit Systems ICS87993AYI Datasheet HTML 4Page - Integrated Circuit Systems ICS87993AYI Datasheet HTML 5Page - Integrated Circuit Systems ICS87993AYI Datasheet HTML 6Page - Integrated Circuit Systems ICS87993AYI Datasheet HTML 7Page - Integrated Circuit Systems ICS87993AYI Datasheet HTML 8Page - Integrated Circuit Systems ICS87993AYI Datasheet HTML 9Page - Integrated Circuit Systems ICS87993AYI Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
87993AYI
www.icst.com/products/hiperclocks.html
REV. B May 21, 2003
6
Integrated
Circuit
Systems, Inc.
ICS87993I
1-TO-5 DIFFERENTIAL-TO-3.3V LVPECL
PLL CLOCK DRIVER W/DYNAMIC CLOCK SWITCH
APPLICATION INFORMATION
As in any high speed analog circuitry, the power supply pins
are vulnerable to random noise. The ICS87993I provides sepa-
rate power supplies to isolate any high switching
noise from the outputs to the internal PLL. V
CC and VCCA should
be individually connected to the power supply plane through
vias, and bypass capacitors should be used for each pin. To
achieve optimum jitter performance, power supply isolation is
required.
Figure 1 illustrates how a 10
Ω resistor along with a
10
µF and a .01µF bypass capacitor should be connected to
each V
CCA pin.
FIGURE 1. POWER SUPPLY FILTERING
10
V
CCA
10
µF
.01
µF
3.3V
.01
µF
V
CC
The clock layout topology shown below is a typical termina-
tion for LVPECL outputs. The two different layouts mentioned
are recommended only as guidelines.
FOUT and nFOUT are low impedance follower outputs that
generate ECL/LVPECL compatible outputs. Therefore, terminat-
ing resistors (DC current path to ground) or current sources
must be used for functionality. These outputs are designed to
FIGURE 2B. LVPECL OUTPUT TERMINATION
3.3V
F
OUT
F
IN
5
2 Zo
Z
o
5
2
Z
o
3
2
Z
o
3
2
Z
o = 50Ω
Z
o = 50Ω
FIGURE 2A. LVPECL OUTPUT TERMINATION
RTT =
1
(V
OH + VOL / VCC –2) –2
Z
o
Z
o = 50Ω
Z
o = 50Ω
50
50
RTT
V
CC - 2V
F
IN
F
OUT
drive 50
Ω transmission lines. Matched impedance techniques
should be used to maximize operating frequency and minimize
signal distortion.
Figures 2A and 2B show two different layouts
which are recommended only as guidelines. Other suitable clock
layouts may exist and it would be recommended that the board
designers simulate to guarantee compatibility across all printed
circuit and clock component process variations.
TERMINATION FOR LVPECL OUTPUTS
POWER SUPPLY FILTERING TECHNIQUES


Similar Part No. - ICS87993AYI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS87931BYI ICST-ICS87931BYI Datasheet
166Kb / 14P
   LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
ICS87931BYIT ICST-ICS87931BYIT Datasheet
166Kb / 14P
   LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
ICS87931I ICST-ICS87931I Datasheet
166Kb / 14P
   LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
logo
Renesas Technology Corp
ICS87931I-147 RENESAS-ICS87931I-147 Datasheet
386Kb / 16P
   LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
AUGUST 13, 2013
logo
Integrated Circuit Syst...
ICS87946-01 ICST-ICS87946-01 Datasheet
159Kb / 13P
   LVPECL-TO-LVCMOS/LVTTL CLOCK GENERATOR
More results

Similar Description - ICS87993AYI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
87993I RENESAS-87993I Datasheet
427Kb / 18P
   1-to-5 Differential-to-3.3V LVPECL PLL Clock Driver W/Dynamic Clock Switch
2/18/15
logo
Integrated Circuit Syst...
ICS8735-01 ICST-ICS8735-01 Datasheet
287Kb / 17P
   1:5 DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
logo
Integrated Device Techn...
8735-31 IDT-8735-31_16 Datasheet
424Kb / 21P
   1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
logo
Renesas Technology Corp
8735-31 RENESAS-8735-31 Datasheet
620Kb / 22P
   1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
January 27, 2016
8735BI-01 RENESAS-8735BI-01 Datasheet
610Kb / 22P
   1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
January 27, 2016
87354 RENESAS-87354 Datasheet
359Kb / 16P
   ÷4/÷5 Differential-to-3.3V LVPECL Clock Generator
2019
logo
Integrated Device Techn...
87354 IDT-87354 Datasheet
198Kb / 15P
   Differential-to-3.3V LVPECL Clock Generator
logo
Exar Corporation
XRK7988 EXAR-XRK7988 Datasheet
231Kb / 10P
   INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
logo
Motorola, Inc
MPC993 MOTOROLA-MPC993 Datasheet
97Kb / 6P
   Dynamic Switch PLL Clock Driver
logo
Exar Corporation
XRK7933 EXAR-XRK7933 Datasheet
233Kb / 10P
   INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com