Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-BF533SBBZ500 Datasheet(PDF) 24 Page - Analog Devices

Part # ADSP-BF533SBBZ500
Description  Blackfin짰 Embedded Processor
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF533SBBZ500 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADSP-BF533SBBZ500 Datasheet HTML 20Page - Analog Devices ADSP-BF533SBBZ500 Datasheet HTML 21Page - Analog Devices ADSP-BF533SBBZ500 Datasheet HTML 22Page - Analog Devices ADSP-BF533SBBZ500 Datasheet HTML 23Page - Analog Devices ADSP-BF533SBBZ500 Datasheet HTML 24Page - Analog Devices ADSP-BF533SBBZ500 Datasheet HTML 25Page - Analog Devices ADSP-BF533SBBZ500 Datasheet HTML 26Page - Analog Devices ADSP-BF533SBBZ500 Datasheet HTML 27Page - Analog Devices ADSP-BF533SBBZ500 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
ADSP-BF531/ADSP-BF532/ADSP-BF533
TIMING SPECIFICATIONS
Table 12 through Table 15 describe the timing requirements for
the ADSP-BF531/ADSP-BF532/ADSP-BF533 processor clocks.
Take care in selecting MSEL, SSEL, and CSEL ratios so as not to
exceed the maximum core clock and system clock as described
Table 12. Core Clock (CCLK) Requirements—400 MHz Models1
in Absolute Maximum Ratings on Page 23, and the voltage con­
trolled oscillator (VCO) operating frequencies described in
Table 14. Table 14 describes phase-locked loop operating
conditions.
Parameter
Internal Regulator Setting
T
JUNCTION = 125°C
Max
All
2 Other T
JUNCTION
Max
Unit
f
CCLK
CCLK Frequency (V
DDINT = 1.14 V Minimum)
f
CCLK
CCLK Frequency (V
DDINT = 1.045 V Minimum)
f
CCLK
CCLK Frequency (V
DDINT = 0.95 V Minimum)
f
CCLK
CCLK Frequency (V
DDINT = 0.85 V Minimum)
f
CCLK
CCLK Frequency (V
DDINT = 0.8 V Minimum )
1.20 V
1.10 V
1.00 V
0.90 V
0.85 V
400
333
295
400
364
333
280
250
MHz
MHz
MHz
MHz
MHz
1 See Ordering Guide on Page 59.
2 See Operating Conditions on Page 21.
Table 13. Core Clock (CCLK) Requirements—500 MHz, 533 MHz, and 600 MHz Models
Parameter
Internal Regulator Setting
Max
Unit
f
CCLK
CCLK Frequency (VDDINT=1.3 V Minimum)
1
f
CCLK
CCLK Frequency (VDDINT=1.2 V Minimum)
2
f
CCLK
CCLK Frequency (VDDINT=1.14 V Minimum)
3
f
CCLK
CCLK Frequency (VDDINT=1.045 V Minimum)
f
CCLK
CCLK Frequency (VDDINT=0.95 V Minimum)
f
CCLK
CCLK Frequency (VDDINT=0.85 V Minimum)
f
CCLK
CCLK Frequency (VDDINT=0.8 V Minimum)
1.30 V
1.25 V
1.20 V
1.10 V
1.00 V
0.90 V
0.85 V
600
533
500
444
400
333
250
MHz
MHz
MHz
MHz
MHz
MHz
MHz
1 Applies to 600 MHz models only. See Ordering Guide on Page 59.
2 Applies to 533 MHz and 600 MHz models only. See Ordering Guide on Page 59. 533 MHz models cannot support internal regulator levels above 1.25 V.
3 Applies to 500 MHz, 533 MHz, and 600 MHz models. See Ordering Guide on Page 59. 500 MHz models cannot support internal regulator levels above 1.20 V.
Table 14. Phase-Locked Loop Operating Conditions
Parameter
Min
Max
Unit
fVCO
Voltage Controlled Oscillator (VCO) Frequency
50
Maximum fCCLK
MHz
Table 15. System Clock (SCLK) Requirements
Parameter
1
VDDEXT = 1.8 V
Max
VDDEXT = 2.5 V/3.3 V
Max
Unit
MBGA/PBGA
f
SCLK
f
SCLK
LQFP
f
SCLK
f
SCLK
CLKOUT/SCLK Frequency (V
DDINT ≥ 1.14 V )
CLKOUT/SCLK Frequency (V
DDINT < 1.14 V )
CLKOUT/SCLK Frequency (V
DDINT ≥ 1.14 V )
CLKOUT/SCLK Frequency (V
DDINT < 1.14 V )
100
100
100
83
133
100
133
83
MHz
MHz
MHz
MHz
1 t
SCLK (= 1/fSCLK) must be greater than or equal to tCCLK.
Rev. E
|
Page 24 of 60
|
July 2007


Similar Part No. - ADSP-BF533SBBZ500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBZ500 AD-ADSP-BF533SBBZ500 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF533SBBZ500 AD-ADSP-BF533SBBZ500 Datasheet
2Mb / 60P
   Blackfin Embedded Processor
REV. D
ADSP-BF533SBBZ500 AD-ADSP-BF533SBBZ500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. H
ADSP-BF533SBBZ500 AD-ADSP-BF533SBBZ500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
More results

Similar Description - ADSP-BF533SBBZ500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF538 AD-ADSP-BF538_07 Datasheet
2Mb / 56P
   Blackfin짰 Embedded Processor
REV. 0
ADSP-BF561 AD-ADSP-BF561_07 Datasheet
3Mb / 64P
   Blackfin짰 Embedded Symmetric Multiprocessor
REV. B
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
   Embedded Processor
Rev. PrE
ADSP-BF542 AD-ADSP-BF542_1 Datasheet
3Mb / 100P
   Embedded Processor
Rev. C
ADSP-21266 AD-ADSP-21266_07 Datasheet
894Kb / 44P
   Embedded Processor
REV. C
ADSP-BF522C AD-ADSP-BF522C Datasheet
829Kb / 12P
   Embedded Processor
Rev. PrB
ADSP-TS101S AD-ADSP-TS101S Datasheet
827Kb / 44P
   Embedded Processor
REV. A
ADSP-21262 AD-ADSP-21262_05 Datasheet
1Mb / 48P
   Embedded Processor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com