Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBN0064G-LQFPG Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SBN0064G-LQFPG
Description  Dot-matrix STN LCD 64-SEGMENT Driver with 64-row x 64-column Display Data Memory
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SBN0064G-LQFPG Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SBN0064G-LQFPG Datasheet HTML 4Page - List of Unclassifed Manufacturers SBN0064G-LQFPG Datasheet HTML 5Page - List of Unclassifed Manufacturers SBN0064G-LQFPG Datasheet HTML 6Page - List of Unclassifed Manufacturers SBN0064G-LQFPG Datasheet HTML 7Page - List of Unclassifed Manufacturers SBN0064G-LQFPG Datasheet HTML 8Page - List of Unclassifed Manufacturers SBN0064G-LQFPG Datasheet HTML 9Page - List of Unclassifed Manufacturers SBN0064G-LQFPG Datasheet HTML 10Page - List of Unclassifed Manufacturers SBN0064G-LQFPG Datasheet HTML 11Page - List of Unclassifed Manufacturers SBN0064G-LQFPG Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
2005 May 20
8 of 37
data sheet (v3)
Dot-matrix STN LCD 64-SEGMENT Driver with 64-row x 64-column Display Data Memory
SBN0064G
Avant Electronics
3.4
Signal description
Table 3
Pad signal description
To avoid a latch-up effect at power-on: VSS − 0.5 V < voltage at any pin at any time < VDD +0.5 V .
Pad
number
SYMBOL
I/O
DESCRIPTION
1CSM
I
Column/Segment Mapping.
This signal controls the mapping relation between the column output of the Display
Data Memory and the SBN0064G’s segment output.
If CMS=1, the mapping is called Normal Mapping. The mapping relation is that
Columns 0, 1, 2,...,62,63 of the Display Data Memory are mapped to Segments 0,
1, 2,..., 62, 63 of segment driver outputs.
If CMS=0, the mapping is called Inverted Mapping. The mapping relation is that
Columns 0, 1, 2,...,62,63 of the Display Data Memory are mapped to Segments 63,
62, 61,..., 2, 1, 0 of segment driver outputs.
2
M
Input
AC frame input.
The AC frame signal is the AC signal for generating alternating bias voltage of
reverse polarities for LCD cells.
This signal is supplied by the SBN6400G.
3VDD
Input
Power supply for logic part of the chip.
The VDD should be in the range from 2.7 volts to 5.5 volts.
4, 5, 6, 7
V3R, V2R,
V5R, V0R
Input
External LCD Bias voltage.
Note that V0R, V2R, V3R, and V5R must be connected to external bias voltages
VDD, V2, V3, and V5, respectively, and the condition VDD≥V1≥V2≥V3≥V4≥V5 must
always be met.
In addition, VLCD (VDD - V5) should not exceed 13 volts.
8VEE2
Input
Negative power supply for LCD bias.
This pad should be connected to the VEE of the external bias circuit.
9~72
SEG63~0
Output
SEGNENT driver outputs.
The output voltage level of SEGMENT outputs are decided by the combination of
the alternating frame signal (M) and display data. Depending on the value of the AC
frame signal and the display data, a single voltage level is selected from V0, V2,
V3, or V5 for SEGMENT driver, as shown in Fig. 4.
73
VEE1
Input
Negative power supply for LCD bias.
This pad should be connected to the VEE of the external bias circuit.
0
1
0
1
0
1
0
1
0
1
0
1
0
V2
V5
V3
V0
V2
V5
V3
V0
Fig.4 SEGMENT driver output voltage level
M
Display
Data bit
SEG output


Similar Part No. - SBN0064G-LQFPG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SBN0080G_S02 ETC2-SBN0080G_S02 Datasheet
329Kb / 52P
   Dot-matrix STN LCD Driver with 32-row x 80-column Display Data Memory
SBN0080G_S02-D ETC2-SBN0080G_S02-D Datasheet
329Kb / 52P
   Dot-matrix STN LCD Driver with 32-row x 80-column Display Data Memory
SBN0080G_S02-LQFP ETC2-SBN0080G_S02-LQFP Datasheet
329Kb / 52P
   Dot-matrix STN LCD Driver with 32-row x 80-column Display Data Memory
SBN0080G_S02-LQFPG ETC2-SBN0080G_S02-LQFPG Datasheet
329Kb / 52P
   Dot-matrix STN LCD Driver with 32-row x 80-column Display Data Memory
SBN0080G_S02-QFP ETC2-SBN0080G_S02-QFP Datasheet
329Kb / 52P
   Dot-matrix STN LCD Driver with 32-row x 80-column Display Data Memory
More results

Similar Description - SBN0064G-LQFPG

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6417C NJRC-NJU6417C Datasheet
304Kb / 9P
   DOT MATRIX LCD 64-OUT SEGMENT DRIVER?
logo
List of Unclassifed Man...
SBN1661G_M18 ETC2-SBN1661G_M18 Datasheet
329Kb / 52P
   Dot-matrix STN LCD Driver with 32-row x 80-column Display Data Memory
logo
Samsung semiconductor
S6B0108 SAMSUNG-S6B0108 Datasheet
165Kb / 23P
   64 CH SEGMENT DRIVER FOR DOT MATRIX LCD
logo
OKI electronic componet...
MSM5278 OKI-MSM5278 Datasheet
145Kb / 7P
   DOT MATRIX LCD 64 DOT COMMON DRIVER
logo
List of Unclassifed Man...
SSD1306 ETC2-SSD1306 Datasheet
1Mb / 65P
   128 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
SSD1303 ETC1-SSD1303 Datasheet
567Kb / 56P
   132 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
SSD1305 ETC1-SSD1305 Datasheet
2Mb / 70P
   132 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
SED1180 ETC-SED1180 Datasheet
44Kb / 10P
   CMOS LCD 64-SEGMENT DRIVER
logo
Silicon Laboratories
CP2400-GQ SILABS-CP2400-GQ Datasheet
768Kb / 110P
   128/64 SEGMENT LCD DRIVER
CP2400 SILABS-CP2400 Datasheet
768Kb / 110P
   128/64 SEGMENT LCD DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com