Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS1621D-28SKDIP Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SS1621D-28SKDIP
Description  RAM MAPPING 32 X 4 LCD CONTROLLER FOR I/O UC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SS1621D-28SKDIP Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SS1621D-28SKDIP Datasheet HTML 3Page - List of Unclassifed Manufacturers SS1621D-28SKDIP Datasheet HTML 4Page - List of Unclassifed Manufacturers SS1621D-28SKDIP Datasheet HTML 5Page - List of Unclassifed Manufacturers SS1621D-28SKDIP Datasheet HTML 6Page - List of Unclassifed Manufacturers SS1621D-28SKDIP Datasheet HTML 7Page - List of Unclassifed Manufacturers SS1621D-28SKDIP Datasheet HTML 8Page - List of Unclassifed Manufacturers SS1621D-28SKDIP Datasheet HTML 9Page - List of Unclassifed Manufacturers SS1621D-28SKDIP Datasheet HTML 10Page - List of Unclassifed Manufacturers SS1621D-28SKDIP Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SS1621
p. 7
Last update: 2008-06-03 04:36
Functional Description
Display memory – RAM
The static display memory (RAM) is or-
ganized into 32x4 bits and stores the dis-
played data. The contents of the RAM are di-
rectly mapped to the contents of the LCD
driver. Data in the RAM can be accessed by
the
READ,
WRITE,
and
READ-MODIFY-WRITE commands. The
following is a mapping from the RAM to the
LCD pattern:
System oscillator
The SS1621 system clock is used to
generate the time base/Watchdog Timer
(WDT) clock frequency, LCD driving clock,
and tone frequency. The source of the clock
may be from an on-chip RC oscillator
(256kHz), a crystal oscillator (32.768kHz), or
an external 256kHz clock by the S/W setting.
The configuration of the system oscillator is
as shown. After the SYS DIS command is
executed, the system clock will stop and the
LCD bias generator will turn off. That com-
mand is, however, available only for the
COM3
COM2
COM1
COM0
SEG0
0
SEG1
1
SEG2
2
SEG3
3
SEG31
31
D3
D2
D1
D0
Data
Addr
Address 6 bits
(A5, A4, …, A0)
Data 4 bits
(D3, D2, D1, D0)
RAM mapping
Crystal Oscillator
32768Hz
External Clock Source
256kHz
On-chip RC Oscillator
256kHz
OSCI
OSCO
1/8
System
Clock
System oscillator configuration
90%
50%
10%
tCLK
tf
tf
tCLK
GND
VDD
Figure 1
50%
tsu1
th1
tCS
GND
VDD
Figure 3
GND
VDD
50%
FIRST
Clock
LAST
Clock
50%
th
VALID DATA
GND
VDD
Figure 2
GND
VDD
50%
DB
tSU
WR, RD
Clock
WR, RD
Clock
WR, RD
Clock
CS


Similar Part No. - SS1621D-28SKDIP

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SS16 TSC-SS16 Datasheet
138Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifier
logo
Pan Jit International I...
SS16 PANJIT-SS16 Datasheet
66Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SS16 BILIN-SS16 Datasheet
163Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Kingtronics Internation...
SS16 KINGTRONICS-SS16 Datasheet
347Kb / 2P
   1.0AMP.SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SS16 WTE-SS16 Datasheet
45Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - SS1621D-28SKDIP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ESC1621 ETC-ESC1621 Datasheet
56Kb / 7P
   RAM Mapping 32 X 4 LCD Controller for I/O uC
logo
Holtek Semiconductor In...
HT1620 HOLTEK-HT1620_11 Datasheet
146Kb / 16P
   RAM Mapping 324 LCD Controller for I/O MCU
HT1621 HOLTEK-HT1621_10 Datasheet
206Kb / 21P
   RAM Mapping 324 LCD Controller for I/O MCU
HT1620 HOLTEK-HT1620_09 Datasheet
135Kb / 16P
   RAM Mapping 324 LCD Controller for I/O MCU
HT1621 HOLTEK-HT1621_09 Datasheet
186Kb / 21P
   RAM Mapping 324 LCD Controller for I/O MCU
HT16220 HOLTEK-HT16220_09 Datasheet
145Kb / 15P
   RAM Mapping 328 LCD Controller for I/O MCU
HT1622 HOLTEK-HT1622_09 Datasheet
144Kb / 17P
   RAM Mapping 328 LCD Controller for I/O MCU
HT16220 HOLTEK-HT16220_04 Datasheet
140Kb / 13P
   RAM Mapping 328 LCD Controller for I/O MCU
HT1627 HOLTEK-HT1627 Datasheet
151Kb / 17P
   RAM Mapping 64x16 LCD Controller for I/O C
HT1621B HOLTEK-HT1621B Datasheet
179Kb / 20P
   RAM Mapping 32x4 LCD Controller for I/O MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com