Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS1621D-28SKDIP Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SS1621D-28SKDIP
Description  RAM MAPPING 32 X 4 LCD CONTROLLER FOR I/O UC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SS1621D-28SKDIP Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SS1621D-28SKDIP Datasheet HTML 1Page - List of Unclassifed Manufacturers SS1621D-28SKDIP Datasheet HTML 2Page - List of Unclassifed Manufacturers SS1621D-28SKDIP Datasheet HTML 3Page - List of Unclassifed Manufacturers SS1621D-28SKDIP Datasheet HTML 4Page - List of Unclassifed Manufacturers SS1621D-28SKDIP Datasheet HTML 5Page - List of Unclassifed Manufacturers SS1621D-28SKDIP Datasheet HTML 6Page - List of Unclassifed Manufacturers SS1621D-28SKDIP Datasheet HTML 7Page - List of Unclassifed Manufacturers SS1621D-28SKDIP Datasheet HTML 8Page - List of Unclassifed Manufacturers SS1621D-28SKDIP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SS1621
p. 5
Last update: 2008-06-03 04:36
Absolute Maximum Ratings
Supply Voltage…………...…..…-0.3V ~ 5.5V
Input Voltage……… V
SS - 0.3V ~ VDD + 0.3V
Storage Temperature……………-50°C ~ 125°C
Operating Temperature…………..-25°C ~ 75°C
Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute Maxi-
mum Ratings” may cause substantial damage to the device. Functional operation of this de-
vice at other conditions beyond those listed in the specification is not implied and prolonged
exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Test Conditions
Symbol
Parameter
VDD
Conditions
Min.
Typ.
Max.
Unit
V
DD
Operating Voltage
2.4
5.2
V
3V
150
300
µA
I
DD1
Operating Current
5V
No load/LCD ON
On-chip RC oscillator
300
600
µA
3V
60
120
µA
I
DD2
Operating Current
5V
No load/LCD ON
Crystal oscillator
120
240
µA
3V
100
200
µA
I
DD3
Operating Current
5V
No load/LCD ON
External clock source
200
400
µA
3V
0.1
5
µA
I
STB
Standby Current
5V
No load
Power down mode
0.3
10
µA
3V
0
0.6
V
V
IL
Input Low Voltage
5V
DATA, WR, CS, RD
0
1.0
V
3V
2.4
3.0
V
V
IH
Input High Voltage
5V
DATA, WR, CS, RD
4.0
5.0
V
3V
V
OL=0.3V
0.5
1.2
mA
I
OL1
DATA, BZ, BZ,
IRQ
5V
V
OL=0.5V
1.3
2.6
mA
3V
V
OH=2.7V
-0.4
-0.8
mA
I
OH1
DATA, BZ, BZ
5V
V
OH=4.5 V
-0.9
-1.8
mA
3V
V
OL=0.3V
80
150
µA
I
OL2
LCD Common Sink Current
5V
V
OL=0.5V
150
250
µA
3V
V
OH=2.7V
-80
-120
µA
I
OH2
LCD Common Source Cur-
rent
5V
V
OH=4.5 V
-120
-200
µA
3V
V
OL=0.3V
60
120
µA
I
OL3
LCD Segment Sink Current
5V
V
OL=0.5V
120
200
µA
3V
V
OH=2.7V
-40
-70
µA
I
OH3
LCD Segment Source Cur-
rent
5V
V
OH=4.5 V
-70
-100
µA
3V
40
80
150
kΩ
R
PH
Pull-high Resistor
5V
DATA, WR, CS, RD
30
60
100
kΩ


Similar Part No. - SS1621D-28SKDIP

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SS16 PANJIT-SS16 Datasheet
66Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SS16 BILIN-SS16 Datasheet
163Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SS16 TSC-SS16 Datasheet
138Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifier
logo
Won-Top Electronics
SS16 WTE-SS16 Datasheet
45Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
PACELEADER INDUSTRIAL
SS16 PACELEADER-SS16 Datasheet
550Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
More results

Similar Description - SS1621D-28SKDIP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ESC1621 ETC-ESC1621 Datasheet
56Kb / 7P
   RAM Mapping 32 X 4 LCD Controller for I/O uC
logo
Holtek Semiconductor In...
HT1620 HOLTEK-HT1620_11 Datasheet
146Kb / 16P
   RAM Mapping 324 LCD Controller for I/O MCU
HT1621 HOLTEK-HT1621_10 Datasheet
206Kb / 21P
   RAM Mapping 324 LCD Controller for I/O MCU
HT1620 HOLTEK-HT1620_09 Datasheet
135Kb / 16P
   RAM Mapping 324 LCD Controller for I/O MCU
HT1621 HOLTEK-HT1621_09 Datasheet
186Kb / 21P
   RAM Mapping 324 LCD Controller for I/O MCU
HT16220 HOLTEK-HT16220_09 Datasheet
145Kb / 15P
   RAM Mapping 328 LCD Controller for I/O MCU
HT1622 HOLTEK-HT1622_09 Datasheet
144Kb / 17P
   RAM Mapping 328 LCD Controller for I/O MCU
HT16220 HOLTEK-HT16220_04 Datasheet
140Kb / 13P
   RAM Mapping 328 LCD Controller for I/O MCU
HT1627 HOLTEK-HT1627 Datasheet
151Kb / 17P
   RAM Mapping 64x16 LCD Controller for I/O C
HT1621B HOLTEK-HT1621B Datasheet
179Kb / 20P
   RAM Mapping 32x4 LCD Controller for I/O MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com