Electronic Components Datasheet Search |
|
RX424060 Datasheet(PDF) 1 Page - Tyco Electronics |
|
RX424060 Datasheet(HTML) 1 Page - Tyco Electronics |
1 / 4 page Power PCB Relay RX 1 pole (12 or 16 A) or 2 pole (8 A) DC or AC-coil Features • 1 C/O or 1 N/O or 2 C/O contacts • DC- or AC-coil • 4 kV / 8 mm coil-contact • Reinforced insulation (protection class II) • Height 15.7 mm • transparent cover optional Applications Domestic appliances, heating control, emergency lighting VZ Approvals in process Contact data Configuration 1 C/O or 1 N/O 2 C/O Type of contact single contact Rated current 12 A 16 A 8 A Rated voltage / max.breaking voltage AC 250 Vac / 440 Vac Maximum breaking capacity AC 3000 VA 4000 VA 2000 VA Contact material AgNi 90/10 Coil data Nominal voltage DC coil 5...110 Vdc AC coil 24...230 Vac Nominal coil power DC coil 500 mW AC coil 0.75 VA Operate category 2 Coil versions, DC-coil Coil Nominal Pull-in Release Maximum Coil Coil code voltage voltage voltage voltage resistance current Vdc Vdc Vdc Vdc c mA 005 5 3.5 0.5 9.8 50+5% 100.0 006 6 4.2 0.6 11.8 68+5% 87.7 012 12 8.4 1.2 23.5 274+5% 43.8 024 24 16.8 2.4 47.0 1095+5% 21.9 048 48 33.6 4.8 94.1 4380+5% 11.0 060 60 42.0 6.0 117.6 6845+5% 8.8 110 110 77.0 11.0 215.6 23010+5% 4.8 All figures are given for coil without preenergization, at ambient temperature +20°C Other coil voltages on request 1pole |
Similar Part No. - RX424060 |
|
Similar Description - RX424060 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |