Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANB1212N Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # LANB1212N
Description  24 Pin DIP for LAN Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANB1212N Datasheet(HTML) 1 Page - Wall Industries,Inc.

  LANB1212N Datasheet HTML 1Page - Wall Industries,Inc. LANB1212N Datasheet HTML 2Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LAN B SERIES
TO 2.25 WATTS
WWW
.WALLINDUSTRIES.COM
1
603 778 2300
TO 2.25 WATTS - LAN B SERIES
24 Pin DIP for LAN Applications
FEATURES
• Available in Both Surface Mount and Through-Hole
Package / Pin-out
• 500VDC I/O Isolation
• Single and Dual Outputs
• Regulated and Non-Regulated Versions
THE LAN B SERIES FROM WALL INDUSTRIES
Whether your board requires an SMT or through-hole version
DC/DC converter, the LANB provides power and isolation for
local area network (LAN) transceiver chips. The LAN B Series is
intended for Ethernet, Cheapernet or Starlan local area network
application.
SPECIFICATIONS: LAN B SERIES
All specifications apply @ +25 C ambient unless otherwise
noted.
INPUT SPECIFICATIONS
Input Voltage Range..........................5,12VDC ±10%
Input Filter ............................................Pi-Input Filter
OUTPUT SPECIFICATIONS
Output Current ..........................................See Table
Voltage Tolerance ..............................................±5%
Line Regulation: Non-Regulated ............±1.3%/%V In
Regulated................................................±0.3
Load Regulation: Non-Regulated ......................±10%
Regulated ............................................±0.5%
Ripple/Noise (20MHz BW) ........................50mV p-p
Short Circuit Protection ............................Continuous
GENERAL SPECIFICATIONS
Efficiency (Regulated) ..............................50% typical
(Unregulated) ....................................70% typical
Isolation Voltage (input to output) ..................500VDC
Switching Frequency................................20kHz min.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature ..................0 to +85°C (case)
Storage Temperature ........................-25° to +125°C
Humidity ..................20%-95% RH (non-condensing)
Cooling ......................................Free Air Convection
PHYSICAL SPECIFICATIONS
Dimensions ......................................1.3 x 0.58 x 0.4
Case Material ........................................Non-metallic
Due to advances in technology, specifications subject to change without
notice.
11/28/01


Similar Part No. - LANB1212N

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
LAN-12M162-165P TAI-TECH-LAN-12M162-165P Datasheet
444Kb / 3P
   LAN Transformer Module
LAN-12M162P7A8 TAI-TECH-LAN-12M162P7A8 Datasheet
444Kb / 3P
   LAN Transformer Module
LAN-12M162P7B0 TAI-TECH-LAN-12M162P7B0 Datasheet
444Kb / 3P
   LAN Transformer Module
LAN-12M162P7D8 TAI-TECH-LAN-12M162P7D8 Datasheet
444Kb / 3P
   LAN Transformer Module
LAN-12M162S7A0 TAI-TECH-LAN-12M162S7A0 Datasheet
223Kb / 2P
   LAN Transformer Module
More results

Similar Description - LANB1212N

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
580500B00000 AAVID-580500B00000 Datasheet
92Kb / 2P
   For use with 24 PIN DIP packages
508500B00000 AAVID-508500B00000 Datasheet
73Kb / 2P
   For use with 24 PIN DIP packages
logo
ACCUTEK MICROCIRCUIT CO...
AK16D-LLP4X4 ACCUTEK-AK16D-LLP4X4 Datasheet
227Kb / 6P
   16 Pin to 24 Pin DIP Adapters
logo
Fairchild Semiconductor
CNY17F23S FAIRCHILD-CNY17F23S Datasheet
566Kb / 12P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
logo
QT Optoelectronics
CNY17F-1 QT-CNY17F-1 Datasheet
100Kb / 5P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
logo
Fairchild Semiconductor
MOC8112M_0810 FAIRCHILD-MOC8112M_0810 Datasheet
254Kb / 9P
   6-Pin DIP Optocoupler for Power Supply Applications
logo
PCA ELECTRONICS INC.
EPA059-060-061 PCA-EPA059-060-061_15 Datasheet
39Kb / 1P
   24 Pin DIP Passive Delay Lines
EPA059-20A PCA-EPA059-20A Datasheet
39Kb / 1P
   24 Pin DIP Passive Delay Lines
logo
Make-Ps
200F MAKE-PS-200F Datasheet
1Mb / 2P
   LOW COST, HIGH POWER DENSITY 24 PIN DIP COMPATIBLE, 2.25W LAN DC/DC CONVERTERS
logo
ACCUTEK MICROCIRCUIT CO...
AK20D300-NWSO ACCUTEK-AK20D300-NWSO_13 Datasheet
1Mb / 6P
   20 Pin to 24 DIP Adpaters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com