Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANC125.1W12 Datasheet(PDF) 10 Page - Wall Industries,Inc.

Part # LANC125.1W12
Description  DC/DC Converter 9-18 VDC Input 5.1 VDC Output at 2.4A
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANC125.1W12 Datasheet(HTML) 10 Page - Wall Industries,Inc.

Back Button LANC125.1W12 Datasheet HTML 6Page - Wall Industries,Inc. LANC125.1W12 Datasheet HTML 7Page - Wall Industries,Inc. LANC125.1W12 Datasheet HTML 8Page - Wall Industries,Inc. LANC125.1W12 Datasheet HTML 9Page - Wall Industries,Inc. LANC125.1W12 Datasheet HTML 10Page - Wall Industries,Inc. LANC125.1W12 Datasheet HTML 11Page - Wall Industries,Inc. LANC125.1W12 Datasheet HTML 12Page - Wall Industries,Inc. LANC125.1W12 Datasheet HTML 13Page - Wall Industries,Inc. LANC125.1W12 Datasheet HTML 14Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TECHNICAL DATASHEET
LANC125.1W12
(888) 597-WALL
www.wallindustries.com
Page 10 of 14
EMC Considerations (Continued)
Suggested Schematic for EN55022 Conducted Emission Class B limits
Recommended Layout with Input Filter
To meet Conducted Emissions EN55022 CLASS B needed the following components:
LANC12xxW12
Component
Value
Voltage
Reference
C1
3.3µF
50V
1812 MLCC
C3, C4
1000pF
2KV
1206 MLCC
L1
325µH
----
Common Choke, P/N: PMT-050
LANC24xxW12
Component
Value
Voltage
Reference
C1
4.7µF
50V
1812 MLCC
C3, C4
1000pF
2KV
1206 MLCC
L1
325µH
----
Common Choke, P/N: PMT-050
LANC48xxW12
Component
Value
Voltage
Reference
C1
2.2µF
100V
1812 MLCC
C3, C4
1000pF
2KV
1206 MLCC
L1
325µH
----
Common Choke, P/N: PMT-050
Figure 13
Figure 14


Similar Part No. - LANC125.1W12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC125.1W12 WALL-LANC125.1W12 Datasheet
243Kb / 3P
   Single and Dual Output 12 Watt DC/DC Converter 2:1 Ultra Wide Input Voltage
More results

Similar Description - LANC125.1W12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC2405UW12 WALL-LANC2405UW12 Datasheet
919Kb / 14P
   DC/DC Converter 9-36 VDC Input 5.1 VDC Output at 2.4A
LANC245.1W12 WALL-LANC245.1W12 Datasheet
1,023Kb / 14P
   DC/DC Converter 18-36 VDC Input 5.1 VDC Output at 2.4A
LANC4805UW12 WALL-LANC4805UW12 Datasheet
916Kb / 14P
   DC/DC Converter 18-75 VDC Input 5.1 VDC Output at 2.4A
LANC485.1W12 WALL-LANC485.1W12 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 5.1 VDC Output at 2.4A
LANC1205DW8 WALL-LANC1205DW8 Datasheet
1Mb / 14P
   DC/DC Converter 9-18 VDC Input 짹5.0 VDC Output at 짹0.8A
LANC1215DW12 WALL-LANC1215DW12 Datasheet
916Kb / 14P
   DC/DC Converter 9-18 VDC Input 짹15 VDC Output at 짹0.4A
logo
List of Unclassifed Man...
LANC1225W12 ETC2-LANC1225W12 Datasheet
879Kb / 14P
   DC/DC Converter 9-18 VDC Input 2.5 VDC Output at 3.5A
logo
Wall Industries,Inc.
LANC123.3W12 WALL-LANC123.3W12 Datasheet
880Kb / 14P
   DC/DC Converter 9-18 VDC Input 3.3 VDC Output at 3.5A
LANC1205DW12 WALL-LANC1205DW12 Datasheet
918Kb / 14P
   DC/DC Converter 9-18 VDC Input 짹5.0 VDC Output at 짹1.2A
LANC1212DW8 WALL-LANC1212DW8 Datasheet
1Mb / 14P
   DC/DC Converter 9-18 VDC Input 짹12 VDC Output at 짹0.333A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com