Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANC123.3W12-S Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # LANC123.3W12-S
Description  DC/DC Converter 9-18 VDC Input 3.3 VDC Output at 3.5A
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANC123.3W12-S Datasheet(HTML) 5 Page - Wall Industries,Inc.

  LANC123.3W12-S Datasheet HTML 1Page - Wall Industries,Inc. LANC123.3W12-S Datasheet HTML 2Page - Wall Industries,Inc. LANC123.3W12-S Datasheet HTML 3Page - Wall Industries,Inc. LANC123.3W12-S Datasheet HTML 4Page - Wall Industries,Inc. LANC123.3W12-S Datasheet HTML 5Page - Wall Industries,Inc. LANC123.3W12-S Datasheet HTML 6Page - Wall Industries,Inc. LANC123.3W12-S Datasheet HTML 7Page - Wall Industries,Inc. LANC123.3W12-S Datasheet HTML 8Page - Wall Industries,Inc. LANC123.3W12-S Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TECHNICAL DATASHEET
LANC123.3W12
(888) 597-WALL
www.wallindustries.com
Page 5 of 14
Thermal Consideration
The power module operates in a variety of thermal environments. However, sufficient cooling should be
provided to help ensure reliable operation of the unit. Heat is removed by conduction, convention, and radiation
to the surrounding environment. Proper cooling can be verified by measuring the point as the figure below. The
temperature at this location should not exceed 105°C. When operating, adequate cooling must be provided to
maintain the test point temperature at or below 105°C. Although the maximum point temperature of the power
modules is 105°C, you can limit this temperature to a lower value for extremely high reliability.
Remote ON/OFF Control
The positive logic remote ON/OFF control circuit is included.
Turns the module ON during a logic High on the On/Off pin and turns OFF during a logic Low. The On/Off pin
is an open collector/drain logic input signal (Von/off) that’s referenced to GND. If not using the Remote On/Off
feature, please open circuit between on/off pin and –input pin to turn the module on.
Remote ON/OFF Implementation
Figure 4
Figure 5
TOP VIEW
Figure 3
Measurement shown in inches and millimeters
Isolated-Closure Remote ON/OFF
Level Control using TTL Output
Level Control using Line Voltage
Figure 6


Similar Part No. - LANC123.3W12-S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC123.3W12 WALL-LANC123.3W12 Datasheet
243Kb / 3P
   Single and Dual Output 12 Watt DC/DC Converter 2:1 Ultra Wide Input Voltage
More results

Similar Description - LANC123.3W12-S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC2433UW12 WALL-LANC2433UW12 Datasheet
923Kb / 14P
   DC/DC Converter 9-36 VDC Input 3.3 VDC Output at 3.5A
LANC243.3W12 WALL-LANC243.3W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 3.3 VDC Output at 3.5A
LANC4833UW12 WALL-LANC4833UW12 Datasheet
941Kb / 14P
   DC/DC Converter 18-75 VDC Input 3.3 VDC Output at 3.5A
LANC122 WALL-LANC122 Datasheet
879Kb / 14P
   DC/DC Converter 9-18 VDC Input 2.5 VDC Output at 3.5A
logo
List of Unclassifed Man...
LANC1225W12 ETC2-LANC1225W12 Datasheet
879Kb / 14P
   DC/DC Converter 9-18 VDC Input 2.5 VDC Output at 3.5A
logo
Wall Industries,Inc.
LANC483.3W12 WALL-LANC483.3W12 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 3.3 VDC Output at 3.5A
LANC242.5W12 WALL-LANC242.5W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 2.5 VDC Output at 3.5A
LANC1205DW8 WALL-LANC1205DW8 Datasheet
1Mb / 14P
   DC/DC Converter 9-18 VDC Input 짹5.0 VDC Output at 짹0.8A
LANC1215DW12 WALL-LANC1215DW12 Datasheet
916Kb / 14P
   DC/DC Converter 9-18 VDC Input 짹15 VDC Output at 짹0.4A
LANC125.1W12 WALL-LANC125.1W12 Datasheet
889Kb / 14P
   DC/DC Converter 9-18 VDC Input 5.1 VDC Output at 2.4A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com