Electronic Components Datasheet Search |
|
STK14C88-5L45M Datasheet(PDF) 10 Page - Simtek Corporation |
|
STK14C88-5L45M Datasheet(HTML) 10 Page - Simtek Corporation |
10 / 19 page 10 Feb, 2008 Document Control #ML0014 Rev 2.0 STK14C88 SOFTWARE NONVOLATILE RECALL A software RECALL cycle is initiated with a sequence of READ operations in a manner similar to the soft- ware STORE initiation. To initiate the RECALL cycle, the following sequence of E controlled READ opera- tions must be performed: 1. Read address 0E38 (hex) Valid READ 2. Read address 31C7 (hex) Valid READ 3. Read address 03E0 (hex) Valid READ 4. Read address 3C1F (hex) Valid READ 5. Read address 303F (hex) Valid READ 6. Read address 0C63 (hex) Initiate RECALL cycle Internally, RECALL is a two-step procedure. First, the SRAM data is cleared, and second, the nonvolatile information is transferred into the SRAM cells. After the t RECALL cycle time the SRAM will once again be ready for READ and WRITE operations. The RECALL operation in no way alters the data in the nonvolatile elements. The nonvolatile data can be recalled an unlimited number of times. AutoStore MODE The STK14C88 can be powered in one of three modes. During normal AutoStore operation, the STK14C88 will draw current from V CC to charge a capacitor con- nected to the V CAP pin. This stored charge will be used by the chip to perform a single STORE opera- tion. After power up, when the voltage on the V CAP pin drops below V SWITCH, the part will automatically disconnect the V CAP pin from V CC and initiate a STORE operation. Figure 1 shows the proper connection of capacitors for automatic store operation. A charge storage capacitor having a capacity of between 68 μF and 220 μF (± 20%) rated at 6V should be provided. In system power mode, both V CC and VCAP are con- nected to the + 5V power supply without the 68 μF capacitor. In this mode the AutoStore function of the STK14C88 will operate on the stored system charge as power goes down. The user must, however, guarantee that V CC does not drop below 3.6V during the 10ms STORE cycle. If an automatic STORE on power loss is not required, then V CC can be tied to ground and + 5V applied to V CAP (Figure 2). This is the AutoStore Inhibit mode, in which the AutoStore function is disabled. If the STK14C88 is operated in this configuration, refer- ences to V CC should be changed to VCAP throughout this data sheet. In this mode, STORE operations may be triggered through software control or the HSB pin. To enable or disable AutoStore using an IO port pin, see “PREVENTING STORES” on page 12. In order to prevent unneeded STORE operations, automatic STOREs as well as those initiated by externally driving HSB low will be ignored unless at least one WRITE operation has taken place since the most recent STORE or RECALL cycle. Software- initiated STORE cycles are performed regardless of whether a WRITE operation has taken place. If the power supply drops faster than 20 μs/volt before V CC reaches VSWITCH, then a 2.2 ohm resistor should be inserted between V CC and the system sup- ply to avoid momentary excess of current between Vcc and Vcap. Figure 1: AutoStore Mode 1 16 32 31 17 30 + 10k Ω∗ |
Similar Part No. - STK14C88-5L45M |
|
Similar Description - STK14C88-5L45M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |