Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STK22C48-SF25 Datasheet(PDF) 15 Page - Simtek Corporation

Part No. STK22C48-SF25
Description  2Kx8 AutoStore nvSRAM
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIMTEK [Simtek Corporation]
Homepage  http://www.simtek.com
Logo 

STK22C48-SF25 Datasheet(HTML) 15 Page - Simtek Corporation

 
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
STK22C48
Feb, 2008
Document Control #ML0004 Rev 2.0
28-Lead, 330 mil SOIC Gull Wing
DIM = INCHES
MIN
MAX
DIM = mm
MIN
MAX
(
)
Pin 1
0.477
0.453
12.116
11.506
(
)
0.336
0.326
8.534
8.280
(
)
0.044
0.028
1.117
0.711
(
)
10°
0.014
0.008
0.356
0.203
(
)
0.103
0.093
2.616
2.362
(
)
0.112
(2.845)
0.004
(0.102)
0.713
0.733
18.11
18.62
(
)
0.020
0.014
0.508
0.356
(
)
0.050 (1.270)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STK22C482Kx8 AutoStore nvSRAM 1 2 3 4 5 MoreSimtek Corporation
STK14C88-3_0832Kx8 AutoStore nvSRAM 1 2 3 4 5 MoreSimtek Corporation
STK14C88-NF35U32Kx8 AutoStore nvSRAM with extended temperature 1 2 3 4 5 MoreSimtek Corporation
STK14CA8_08128Kx8 Autostore nvSRAM 1 2 3 4 5 MoreSimtek Corporation
STK14D88_0832Kx8 Autostore nvSRAM 1 2 3 4 5 MoreSimtek Corporation
STK14EC8_08512Kx8 Autostore nvSRAM 1 2 3 4 5 MoreSimtek Corporation
STK17T88_0832K x 8 AutoStore nvSRAM with Real-Time Clock 1 2 3 4 5 MoreSimtek Corporation
STK12C688Kx8 AutoStore nvSRAM 1 2 3 4 5 MoreSimtek Corporation
STK17TA8_08128Kx8 Autostore nvSRAM With Real-Time Clock 1 2 3 4 5 MoreSimtek Corporation
STK14C8832Kx8 AutoStore nvSRAM 1 2 3 4 5 MoreSimtek Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn