Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK17T88-RF25I Datasheet(PDF) 9 Page - Simtek Corporation

Part # STK17T88-RF25I
Description  32K x 8 AutoStore nvSRAM with Real-Time Clock
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK17T88-RF25I Datasheet(HTML) 9 Page - Simtek Corporation

Back Button STK17T88-RF25I Datasheet HTML 5Page - Simtek Corporation STK17T88-RF25I Datasheet HTML 6Page - Simtek Corporation STK17T88-RF25I Datasheet HTML 7Page - Simtek Corporation STK17T88-RF25I Datasheet HTML 8Page - Simtek Corporation STK17T88-RF25I Datasheet HTML 9Page - Simtek Corporation STK17T88-RF25I Datasheet HTML 10Page - Simtek Corporation STK17T88-RF25I Datasheet HTML 11Page - Simtek Corporation STK17T88-RF25I Datasheet HTML 12Page - Simtek Corporation STK17T88-RF25I Datasheet HTML 13Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
9
STK17T88
Jan, 2008
Document Control #ML0024 Rev 2.0
SOFTWARE-CONTROLLED STORE/RECALL CYCLEl,m
note l: The software sequence is clocked on the falling edge of E controlled READs
note m: The six consecutive addresses must be read in the order listed in the Software STORE/RECALL Mode Selection Table. W must be high
during all six consecutive cycles.
SOFTWARE STORE/RECALL CYCLE:
E CONTROLLEDm
NO.
SYMBOLS
PARAMETER
STK17T88-35
STK17T88-45
UNITS
NOTES
E Cont
Alternate
MIN
MAX
MIN
MAX
26
tAVAV
tRC
STORE
/ RECALL Initiation Cycle Time
25
45
ns
m
27
tAVEL
tAS
Address Set-up Time
0
0
ns
28
tELEH
tCW
Clock Pulse Width
20
30
ns
29
tEHAX
Address Hold Time
1
1
ns
30
tRECALL
RECALL
Duration
100
100
μs
DQ (DATA)
G
E
26
tAVAV
DATA VALID
ADDRESS
ADDRESS #1
HIGH IMPEDENCE
27
tAVEL
29
tEHAX
28
tELEH
30
tRECALL
26
tAVAV
ADDRESS #6
23
tSTORE
DATA VALID
/


Similar Part No. - STK17T88-RF25I

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK17T88-RF25I SIMTEK-STK17T88-RF25I Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK17T88-RF25I CYPRESS-STK17T88-RF25I Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
logo
Simtek Corporation
STK17T88-RF25ITR SIMTEK-STK17T88-RF25ITR Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK17T88-RF25ITR CYPRESS-STK17T88-RF25ITR Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
More results

Similar Description - STK17T88-RF25I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK17T88 CYPRESS-STK17T88 Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Cypress Semiconductor
STK17TA8 CYPRESS-STK17TA8 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
logo
List of Unclassifed Man...
STK17T88 ETC-STK17T88 Datasheet
284Kb / 25P
   nvTime Event Data Recorder 32K x 8 AutoStore nvSRAM With Real-Time Clock
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B256KA CYPRESS-CY14B256KA Datasheet
755Kb / 26P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B256K CYPRESS-CY14B256K Datasheet
1Mb / 23P
   256-Kbit (32K x 8) nvSRAM with Real-Time-Clock
CY14B256K CYPRESS-CY14B256K_09 Datasheet
796Kb / 28P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com