Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK16C88-3WF35 Datasheet(PDF) 1 Page - Simtek Corporation

Part # STK16C88-3WF35
Description  32Kx8 AutoStore nvSRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK16C88-3WF35 Datasheet(HTML) 1 Page - Simtek Corporation

  STK16C88-3WF35 Datasheet HTML 1Page - Simtek Corporation STK16C88-3WF35 Datasheet HTML 2Page - Simtek Corporation STK16C88-3WF35 Datasheet HTML 3Page - Simtek Corporation STK16C88-3WF35 Datasheet HTML 4Page - Simtek Corporation STK16C88-3WF35 Datasheet HTML 5Page - Simtek Corporation STK16C88-3WF35 Datasheet HTML 6Page - Simtek Corporation STK16C88-3WF35 Datasheet HTML 7Page - Simtek Corporation STK16C88-3WF35 Datasheet HTML 8Page - Simtek Corporation STK16C88-3WF35 Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
STK16C88-3
1
This product conforms to specifications per the
terms of Simtek standard warranty. The product
has completed Simtek internal qualification testing
and has reached production status.
Jan, 2008
Document Control #ML0019 Rev 2.0
FEATURES
• Fast 35 ns Read Access & R/W Cycle Time
• Directly Replaces Battery-Backed SRAM
Modules such as Dallas/Maxim DS1230W
• Unlimited Read/Write Endurance
• Automatic Non-volatile STORE on Power Loss
• Automatic RECALL to SRAM on Power Up
• Non-Volatile STORE and RECALL Under
Software Control
• 1 Million STORE Cycles
• 100-Year Non-volatile Data Retention
• Single 3.3V +0.3V Power Supply
• Commercial and Industrial Temperatures
• 28-pin 600-mil PDIP Package (RoHS-Compliant)
DESCRIPTION
The Simtek STK16C88-3 is a 256Kb fast static RAM
with a non-volatile Quantum Trap storage element
included with each memory cell.
The SRAM provides the fast access & cycle times,
ease of use and unlimited read & write endurance of
a normal SRAM.
Data transfers automatically to the non-volatile stor-
age cells when power loss is detected (the STORE
operation). On power up, data is automatically
restored to the SRAM (the RECALL operation). Both
STORE and RECALL operations are also available
under software control.
The Simtek nvSRAM is the first monolithic non-vola-
tile memory to offer unlimited writes and reads. It is
the highest performance, most reliable non-volatile
memory available.
COLUMN DEC
G
E
W
COLUMN I/O
SOFTWARE
DETECT
A13 – A0
QUANTUM TRAP
512 x 512
STATIC RAM
ARRAY
512 X 512
STORE
RECALL
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
A5
A6
A7
A8
A9
A11
A12
A13
A14
STORE/
RECALL
CONTROL
A0 A1 A2 A3 A4 A10
BLOCK DIAGRAM
32Kx8 AutoStore+ nvSRAM


Similar Part No. - STK16C88-3WF35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK16C88-3WF35 ETC1-STK16C88-3WF35 Datasheet
319Kb / 11P
   32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16C88-3WF35 SIMTEK-STK16C88-3WF35 Datasheet
363Kb / 12P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK16C88-3WF35 CYPRESS-STK16C88-3WF35 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
logo
List of Unclassifed Man...
STK16C88-3WF35I ETC1-STK16C88-3WF35I Datasheet
319Kb / 11P
   32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16C88-3WF35I SIMTEK-STK16C88-3WF35I Datasheet
363Kb / 12P
   32Kx8 AutoStore nvSRAM
More results

Similar Description - STK16C88-3WF35

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88_08 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3 Datasheet
363Kb / 12P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88 Datasheet
378Kb / 12P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com