Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK14D88 Datasheet(PDF) 16 Page - Simtek Corporation

Part # STK14D88
Description  32Kx8 Autostore nvSRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14D88 Datasheet(HTML) 16 Page - Simtek Corporation

Back Button STK14D88_08 Datasheet HTML 12Page - Simtek Corporation STK14D88_08 Datasheet HTML 13Page - Simtek Corporation STK14D88_08 Datasheet HTML 14Page - Simtek Corporation STK14D88_08 Datasheet HTML 15Page - Simtek Corporation STK14D88_08 Datasheet HTML 16Page - Simtek Corporation STK14D88_08 Datasheet HTML 17Page - Simtek Corporation STK14D88_08 Datasheet HTML 18Page - Simtek Corporation STK14D88_08 Datasheet HTML 19Page - Simtek Corporation STK14D88_08 Datasheet HTML 20Page - Simtek Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
Jan 2008
Document Control #ML0033 Rev 2.0
STK14D88
Ordering Codes
Part Number
Description
Access Times
Temperature
STK14D88-NF25
3V 32Kx 8 AutoStore nvSRAM SOP32-300
25 ns access time
Commercial
STK14D88-NF35
3V 32Kx 8 AutoStore nvSRAM SOP32-300
35 ns access time
Commercial
STK14D88-NF45
3V 32Kx 8 AutoStore nvSRAM SOP32-300
45 ns access time
Commercial
STK14D88-NF25TR
3V 32Kx 8 AutoStore nvSRAM SOP32-300
25 ns access time
Commercial
STK14D88-NF35TR
3V 32Kx 8 AutoStore nvSRAM SOP32-300
35 ns access time
Commercial
STK14D88-NF45TR
3V 32Kx 8 AutoStore nvSRAM SOP32-300
45 ns access time
Commercial
STK14D88-RF25
3V 32Kx 8 AutoStore nvSRAM SSOP48-300
25 ns access time
Commercial
STK14D88-RF35
3V 32Kx 8 AutoStore nvSRAM SSOP48-300
35 ns access time
Commercial
STK14D88-RF45
3V 32Kx 8 AutoStore nvSRAM SSOP48-300
45 ns access time
Commercial
STK14D88-RF25TR
3V 32Kx 8 AutoStore nvSRAM SSOP48-300
25 ns access time
Commercial
STK14D88-RF35TR
3V 32Kx 8 AutoStore nvSRAM SSOP48-300
35 ns access time
Commercial
STK14D88-RF45TR
3V 32Kx 8 AutoStore nvSRAM SSOP48-300
45 ns access time
Commercial
STK14D88-NF25I
3V 32Kx 8 AutoStore nvSRAM SOP32-300
25 ns access time
Industrial
STK14D88-NF35I
3V 32Kx 8 AutoStore nvSRAM SOP32-300
35 ns access time
Industrial
STK14D88-NF45I
3V 32Kx 8 AutoStore nvSRAM SOP32-300
45 ns access time
Industrial
STK14D88-NF25ITR
3V 32Kx 8 AutoStore nvSRAM SOP32-300
25 ns access time
Industrial
STK14D88-NF35ITR
3V 32Kx 8 AutoStore nvSRAM SOP32-300
35 ns access time
Industrial
STK14D88-NF45ITR
3V 32Kx 8 AutoStore nvSRAM SOP32-300
45 ns access time
Industrial
STK14D88-RF25I
3V 32Kx 8 AutoStore nvSRAM SSOP48-300
25 ns access time
Industrial
STK14D88-RF35I
3V 32Kx 8 AutoStore nvSRAM SSOP48-300
35 ns access time
Industrial
STK14D88-RF45I
3V 32Kx 8 AutoStore nvSRAM SSOP48-300
45 ns access time
Industrial
STK14D88-RF25ITR
3V 32Kx 8 AutoStore nvSRAM SSOP48-300
25 ns access time
Industrial
STK14D88-RF35ITR
3V 32Kx 8 AutoStore nvSRAM SSOP48-300
35 ns access time
Industrial
STK14D88-RF45ITR
3V 32Kx 8 AutoStore nvSRAM SSOP48-300
45 ns access time
Industrial


Similar Part No. - STK14D88_08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14D88-N25 ETC-STK14D88-N25 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK14D88-N25I ETC-STK14D88-N25I Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK14D88-N35 ETC-STK14D88-N35 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK14D88-N35I ETC-STK14D88-N35I Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK14D88-N45 ETC-STK14D88-N45 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
More results

Similar Description - STK14D88_08

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3_08 Datasheet
343Kb / 13P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3 Datasheet
363Kb / 12P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88 Datasheet
378Kb / 12P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com