Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK14C88-NF35U Datasheet(PDF) 10 Page - Simtek Corporation

Part # STK14C88-NF35U
Description  32Kx8 AutoStore nvSRAM with extended temperature
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14C88-NF35U Datasheet(HTML) 10 Page - Simtek Corporation

Back Button STK14C88-NF35U Datasheet HTML 6Page - Simtek Corporation STK14C88-NF35U Datasheet HTML 7Page - Simtek Corporation STK14C88-NF35U Datasheet HTML 8Page - Simtek Corporation STK14C88-NF35U Datasheet HTML 9Page - Simtek Corporation STK14C88-NF35U Datasheet HTML 10Page - Simtek Corporation STK14C88-NF35U Datasheet HTML 11Page - Simtek Corporation STK14C88-NF35U Datasheet HTML 12Page - Simtek Corporation STK14C88-NF35U Datasheet HTML 13Page - Simtek Corporation STK14C88-NF35U Datasheet HTML 14Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
Feb, 2008
Document Control #ML0066 Rev 2.0
STK14C88-NF35U
SOFTWARE NONVOLATILE RECALL
A software RECALL cycle is initiated with a sequence
of READ operations in a manner similar to the soft-
ware STORE initiation. To initiate the RECALL cycle,
the following sequence of E controlled READ opera-
tions must be performed:
1.
Read address
0E38 (hex)
Valid READ
2.
Read address
31C7 (hex)
Valid READ
3.
Read address
03E0 (hex)
Valid READ
4.
Read address
3C1F (hex)
Valid READ
5.
Read address
303F (hex)
Valid READ
6.
Read address
0C63 (hex)
Initiate RECALL cycle
Internally, RECALL is a two-step procedure. First, the
SRAM
data is cleared, and second, the nonvolatile
information is transferred into the SRAM cells. After
the t
RECALL cycle time the SRAM will once again be
ready for READ and WRITE operations. The RECALL
operation in no way alters the data in the nonvolatile
elements. The nonvolatile data can be recalled an
unlimited number of times.
AutoStore MODE
The STK14C88-NF35U can be powered in one of
three modes.
During normal AutoStore operation, the STK14C88-
NF35U will draw current from V
CC to charge a capac-
itor connected to the V
CAP pin. This stored charge
will be used by the chip to perform a single STORE
operation. After power up, when the voltage on the
V
CAP pin drops below VSWITCH, the part will automati-
cally disconnect the V
CAP pin from VCC and initiate a
STORE
operation.
Figure 2 shows the proper connection of capacitors
for automatic store operation. A charge storage
capacitor having a capacity of between 68
μF and
220
μF (± 20%) rated at 6V should be provided.
In system power mode, both V
CC and VCAP are con-
nected to the + 5V power supply without the 68
μF
capacitor. In this mode the AutoStore function of the
STK14C88-NF35U will operate on the stored sys-
tem charge as power goes down. The user must,
however, guarantee that V
CC does not drop below
3.6V during the 10ms STORE cycle.
In order to prevent unneeded STORE operations,
automatic STOREs as well as those initiated by
externally driving HSB low will be ignored unless at
least one WRITE operation has taken place since the
most recent STORE or RECALL cycle. Software-
initiated STORE cycles are performed regardless of
whether a WRITE operation has taken place.
If the power supply drops faster than 20
μs/volt
before V
CC reaches VSWITCH, then a 2.2 ohm resistor
should be inserted between the V
CC pin on the IC
and the system supply to avoid momentary excess
of current between Vcc and Vcap.
AutoStore INHIBIT MODE
If an automatic STORE on power loss is not
required, then Vcc can be tied to ground and system
power applied to VCAP (Figure 3). This is the
AutoStore Inhibit mode, in which the AutoStore func-
tion is disabled. If the STK14C88-NF35U is oper-
ated in this configuration, references to Vcc should
be changed to VCAP throughout this data sheet. In
this mode, STORE operations may be triggered
through software control. It is not permissible to
change between these three options “on the fly.”
Figure 2: AutoStore Mode
1
16
32
31
17
30
+
10k
Ω∗
Figure 3: AutoStore Inhibit Mode
1
16
32
31
17
30
*If HSB is not used, it should be left unconnected.


Similar Part No. - STK14C88-NF35U

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14C88-NF35 SIMTEK-STK14C88-NF35 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-NF35 SIMTEK-STK14C88-NF35 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-NF35 CYPRESS-STK14C88-NF35 Datasheet
932Kb / 20P
   32 K x 8 AutoStore nvSRAM Commercial, industrial, military temperatures
logo
Simtek Corporation
STK14C88-NF35I SIMTEK-STK14C88-NF35I Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-NF35I SIMTEK-STK14C88-NF35I Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
More results

Similar Description - STK14C88-NF35U

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88_08 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3_08 Datasheet
343Kb / 13P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3 Datasheet
363Kb / 12P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com