Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC4560IPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # RC4560IPWR
Description  DUAL AUDIO OPERATIONAL AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RC4560IPWR Datasheet(HTML) 1 Page - Texas Instruments

  RC4560IPWR Datasheet HTML 1Page - Texas Instruments RC4560IPWR Datasheet HTML 2Page - Texas Instruments RC4560IPWR Datasheet HTML 3Page - Texas Instruments RC4560IPWR Datasheet HTML 4Page - Texas Instruments RC4560IPWR Datasheet HTML 5Page - Texas Instruments RC4560IPWR Datasheet HTML 6Page - Texas Instruments RC4560IPWR Datasheet HTML 7Page - Texas Instruments RC4560IPWR Datasheet HTML 8Page - Texas Instruments RC4560IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
FEATURES
DESCRIPTION/ORDERING INFORMATION
RC4560
www.ti.com ..................................................................................................................................................... SLOS457A – JANUARY 2005 – REVISED APRIL 2008
DUAL AUDIO OPERATIONAL AMPLIFIER
• Operating Voltage . . . ±2 V to ±18 V
• Slew Rate . . . 5.5 V/µsec (Typ)
• Low Noise Voltage . . . 1.2 µVrms (Typ)
• Suitable for Applications Such as Audio
Preamplifier, Active Filter, Headphone
• Wide GBW . . . 15 MHz (Typ)
Amplifier, Industrial Measurement Equipment
• Low THD . . . 0.05% (Typ)
The RC4560 is a high-gain, wide-bandwidth, dual operational amplifier capable of driving 20 V peak-to-peak into
400-
Ω loads. The RC4560 combines many of the features of the RC4558, but with wider bandwidth and higher
slew rate, making this device ideal for active filters, data and telecommunications, and many instrumentation
applications.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
PDIP – P
Tube of 50
RC4560IP
RC4560IP
Tube of 75
RC4560ID
SOIC – D
R4560I
–40
°C to 85°C
Reel of 2500
RC4560IDR
Tube of 150
RC4560IPW
TSSOP – PW
R4560I
Reel of 2000
RC4560IPWR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - RC4560IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4560IPWR TI-RC4560IPWR Datasheet
84Kb / 5P
[Old version datasheet]   DUAL AUDIO OPERATIONAL AMPLIFIER
RC4560IPWRE4 TI-RC4560IPWRE4 Datasheet
84Kb / 5P
[Old version datasheet]   DUAL AUDIO OPERATIONAL AMPLIFIER
More results

Similar Description - RC4560IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4580 TI1-RC4580 Datasheet
1Mb / 25P
[Old version datasheet]   Dual Audio Operational Amplifier
logo
New Japan Radio
NJM4582 NJRC-NJM4582 Datasheet
157Kb / 5P
   AUDIO DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
LM833-N TI1-LM833-N Datasheet
830Kb / 23P
[Old version datasheet]   Dual Audio Operational Amplifier
logo
National Semiconductor ...
LM833 NSC-LM833 Datasheet
520Kb / 18P
   Dual Audio Operational Amplifier
logo
New Japan Radio
NJM8080 NJRC-NJM8080 Datasheet
609Kb / 17P
   DUAL AUDIO OPERATIONAL AMPLIFIER
logo
Texas Instruments
RC4580 TI-RC4580_06 Datasheet
235Kb / 12P
[Old version datasheet]   DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580 TI-RC4580_07 Datasheet
295Kb / 15P
[Old version datasheet]   DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580-Q1 TI1-RC4580-Q1 Datasheet
1,009Kb / 16P
[Old version datasheet]   DUAL AUDIO OPERATIONAL AMPLIFIER
RC4560 TI-RC4560 Datasheet
84Kb / 5P
[Old version datasheet]   DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580 TI-RC4580 Datasheet
230Kb / 10P
[Old version datasheet]   DUAL AUDIO OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com