Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXOSV-HB3-25.000 Datasheet(PDF) 1 Page - Crystek Corporation

Part # CXOSV-HB3-25.000
Description  Temperature Compensated Crystal Oscillator Voltage Trim Option Available 14 Pin Dip, 3.3V & 5V, Clipped Sine
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CXOSV-HB3-25.000 Datasheet(HTML) 1 Page - Crystek Corporation

  CXOSV-HB3-25.000 Datasheet HTML 1Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TD-020812 Rev. E
PWR
Supply
mA
M
VM
OSC.
pin 1
pin 14
pin 7
pin 8
O/P Load
incl Probe Cl
OUT
GND
OUT
Vdd
Option
Specifications subject to change without notice.
Designed to meet today's
requirements for tighter
frequency stability tolerance
while reducing unit cost.
14 Pin Dip,
3.3V & 5V, Clipped Sine
CXOS / CXOSV Model
8MHz to 30MHz
3.3V limited to 25.6MHz
±1ppm to ±5ppm
±0.5ppm Max
±0.3ppm Max
-40°C to 85°C
-55°C to 120°C
3.3V or 5V ± 5%
±3ppm Min
Voltage Trim Pin 1
3mA Typ, 5mA Max
Clipped Sinewave
5V = 1.0Vpp Min
3.3V = 0.8Vpp Min
20K Ohm / 5pF Max
-100dBc/Hz
-130dBc/Hz
-140dBc/Hz
-145dBc/Hz
-150dBc/Hz
<1ppm Max/Yr
Frequency Range:
Frequency Stability:
Freq. Stability vs Volt:
Freq. Stability vs Load:
Temperature Range:
Storage:
Input Voltage:
Mech. Trim Range:
(Option V)
Input Current:
Output:
Output Voltage:
Load:
Phase Noise Typ.:
10Hz
100Hz
1KHz
10KHz
100KHz
Aging:
CXOS
CXOSV - 4 B C 3 - 25.000
Crystek Part Number Guide
#7
#1 Crystek TCXO Clipped Sine
#2 V or blank = (V = Volt. Trim) (Blank = Mech. Trim)
#3 4 or blank = Height (4 = 4.5mm)(Blank = 5mm)
#4 Letter = Operating Temperature (see table 1)
#5 Letter = Frequency Stability (see table 1)
#6 3 or blank = Input Volt (3 = 3.3 volts) (Blank= 5V)
#7 Frequency in MHz: 3 or 6 decimal places
Example:
CXOS-4BC3-25.000 = mech. trim, 4.5mm, -10/60, ±2.5ppm, 3.3V, 25.000MHz
CXOSV-4BC3-25.000 = volt. trim, 4.5mm, -10/60, ±2.5ppm, 3.3V, 25.000MHz
#6
#1
#3
#4
#5
#2
Table 1
Operating
Temperature
Freq. Stability (± ppm)
0°C to 50°C
-10°C to 60°C
-10°C to 70°C
-20°C to 70°C
-30°C to 60°C
-30°C to 70°C
-30°C to 75°C
-40°C to 85°C
1.5
2.0
2.0
2.0
2.0
2.5
2.5
2.5
2.5
2.5
2.5
3.0
3.0
3.0
3.0
3.0
3.0
3.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
AB
C
D
E
F
A
B
C
D
E
F
G
H
1.0
P
2.5
3.0
2.0
2.0
2.0
CRYSTEK
Freq
Part no
DC
.720
(18.30)
.472
(12.00)
.300
(7.62)
#7
#8
#14
#1
*A
.098
(2.50)
.157
(4.00)
.600
(15.24)
PIN
Function
1
7
8
14
VT or NC
GND
OUT
Vcc
.178
(4.50)
.197
(5.00)
*A
.300
(7.62)
.150
(3.81)
.030
(0.76)
.075
(1.90)
Suggested PCB Layout
.150
(3.81)
.300
(7.62)
.051
(1.30)
ID=
.360
(9.14)
.157
(4.00) Min
.039
(1.00)
.020
(0.50)
± 5ppm Min
(5V) 2.5V ± 2.5V
(3.3V) 1.65V ± 1.65V
Voltage Trim Pin 1:
Control Voltage:
VCTCXO Specification
All dimensions are Max unless otherwise specified.
Dimensions inches (mm)
Temperature Compensated
Crystal Oscillator
Voltage Trim Option
Available
Le
ad
Fre
e
Ro
HS
Co
mp
lian
t


Similar Part No. - CXOSV-HB3-25.000

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CXOSVD4-AA-25.000 CRYSTEKCRYSTAL-CXOSVD4-AA-25.000 Datasheet
115Kb / 1P
   Temperature Compensated Crystal Oscillator Voltage Trim Option Available 4 Pin SMD, 3.3V & 5V, Clipped Sine
CXOSVD4-AA3-25.000 CRYSTEKCRYSTAL-CXOSVD4-AA3-25.000 Datasheet
115Kb / 1P
   Temperature Compensated Crystal Oscillator Voltage Trim Option Available 4 Pin SMD, 3.3V & 5V, Clipped Sine
CXOSVD4-AB-25.000 CRYSTEKCRYSTAL-CXOSVD4-AB-25.000 Datasheet
115Kb / 1P
   Temperature Compensated Crystal Oscillator Voltage Trim Option Available 4 Pin SMD, 3.3V & 5V, Clipped Sine
CXOSVD4-AB3-25.000 CRYSTEKCRYSTAL-CXOSVD4-AB3-25.000 Datasheet
115Kb / 1P
   Temperature Compensated Crystal Oscillator Voltage Trim Option Available 4 Pin SMD, 3.3V & 5V, Clipped Sine
CXOSVD4-AC-25.000 CRYSTEKCRYSTAL-CXOSVD4-AC-25.000 Datasheet
115Kb / 1P
   Temperature Compensated Crystal Oscillator Voltage Trim Option Available 4 Pin SMD, 3.3V & 5V, Clipped Sine
More results

Similar Description - CXOSV-HB3-25.000

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CXOSD4 CRYSTEKCRYSTAL-CXOSD4 Datasheet
115Kb / 1P
   Temperature Compensated Crystal Oscillator Voltage Trim Option Available 4 Pin SMD, 3.3V & 5V, Clipped Sine
CXOH CRYSTEKCRYSTAL-CXOH Datasheet
119Kb / 1P
   Temperature Compensated Crystal Oscillator Voltage Trim Option Available 14 Pin Dip, 3.3V & 5V, HCMOS/TTL
logo
List of Unclassifed Man...
CXOHV-4BC3Y ETC2-CXOHV-4BC3Y Datasheet
119Kb / 1P
   Temperature Compensated Crystal Oscillator Voltage Trim Option Available
logo
Crystek Corporation
CXOSD CRYSTEKCRYSTAL-CXOSD Datasheet
113Kb / 1P
   Temperature Compensated Crystal Oscillator 6 Pin SMD, 3.3V & 5V, Clipped Sine
CXOHV8 CRYSTEKCRYSTAL-CXOHV8 Datasheet
119Kb / 1P
   Temperature Compensated Crystal Oscillator With Voltage Trim & Hermetic 14 Pin Dip, 3.3V & 5V, HCMOS/TTL
CXOSD5 CRYSTEKCRYSTAL-CXOSD5 Datasheet
110Kb / 1P
   Temperature Compensated Crystal Oscillator 4 Pad SMD, 3.3V & 5V, Clipped Sine
CXOSD6 CRYSTEKCRYSTAL-CXOSD6 Datasheet
128Kb / 1P
   Temperature Compensated Crystal Oscillator 6 Pad SMD, 3.3V & 5V, Clipped Sine
CVT20 CRYSTEKCRYSTAL-CVT20 Datasheet
80Kb / 1P
   Temperature Compensated Voltage Controlled Crystal Oscillator 2.0x2.5 mm SMD, 2.8V, Clipped Sine
CXOHD4 CRYSTEKCRYSTAL-CXOHD4 Datasheet
116Kb / 1P
   Temperature Compensated Crystal Oscillator With Voltage Trim & Hermetic
CXOHD CRYSTEKCRYSTAL-CXOHD Datasheet
113Kb / 1P
   Temperature Compensated Crystal Oscillator 6 Pin SMD, 3.3V & 5V, HCMOS/TTL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com