Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3122D2N Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3122D2N
Description  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3122D2N Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA3122D2N Datasheet HTML 4Page - Texas Instruments TPA3122D2N Datasheet HTML 5Page - Texas Instruments TPA3122D2N Datasheet HTML 6Page - Texas Instruments TPA3122D2N Datasheet HTML 7Page - Texas Instruments TPA3122D2N Datasheet HTML 8Page - Texas Instruments TPA3122D2N Datasheet HTML 9Page - Texas Instruments TPA3122D2N Datasheet HTML 10Page - Texas Instruments TPA3122D2N Datasheet HTML 11Page - Texas Instruments TPA3122D2N Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
www.ti.com
PO − Output Power − W
0
20
40
60
80
100
0
1
2
3
4
5
6
7
G013
Gain = 20 dB
RL = 4 Ω (SE)
VCC = 12 V
PO − Output Power − W
0
20
40
60
80
100
0
2
4
6
8
10
12
14
G014
Gain = 20 dB
RL = 8 Ω (SE)
VCC = 12 V
VCC = 18 V
VCC = 24 V
PO − Total Output Power − W
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
2
4
6
8
10
12
14
G015
Gain = 20 dB
RL = 4 Ω (SE)
VCC = 12 V
PO − Total Output Power − W
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
2
4
6
8
10
12
14
G016
Gain = 20 dB
RL = 8 Ω (SE)
VCC = 18 V
VCC = 24 V
VCC = 12 V
−120
−100
−80
−60
−40
−20
0
f − Frequency − Hz
G017
Gain = 20 dB
RL = 4 Ω (SE)
VCC = 12 V
Vripple = 200 mVp-p
20
100
1k
20k
10k
20
100
1k
20k
10k
f − Frequency − Hz
0.1
0.01
0.001
G018
Gain=20dB
RL =8 Ω (BTL)
VCC =24V
1
10
PO =20W
PO =1W
PO =5W
TPA3122D2
SLOS527A – DECEMBER 2007 – REVISED DECEMBER 2007
TYPICAL CHARACTERISTICS (continued)
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT POWER (SE)
OUTPUT POWER (SE)
Figure 13.
Figure 14.
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
TOTAL OUTPUT POWER (SE)
TOTAL OUTPUT POWER (SE)
Figure 15.
Figure 16.
POWER SUPPLY REJECTION RATIO
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY (SE)
FREQUENCY (BTL)
Figure 17.
Figure 18.
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s) :TPA3122D2


Similar Part No. - TPA3122D2N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3122D2 TI1-TPA3122D2 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3122D2N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI1-TPA3107D2_16 Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI-TPA3124D2 Datasheet
874Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2_15 Datasheet
1,013Kb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2_07 Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com