Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C3503LE Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6C3503LE
Description  Low Power Spread Spectrum Frequency Multiplier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C3503LE Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI6C3503LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C3503LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C3503LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C3503LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C3503LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C3503LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C3503LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C3503LE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C3503LE Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
PS8929A
02/19/08
PI6C3503
Low Power Spread
Spectrum Frequency Multiplier
Application Information
Crystal Load Capacitors
If a crystal is used with the device, the external trim capacitors CLtrim are used to adjust the effective capacitance to match the
required crystal load capacitance. The CLtrim value can be derived from formula CLtrim = 2*CL – (Cs + Ci). Typical CLtrim = 28pF
when crystal load = 18pF, stray capacitance Cs = 3pF and XTAL pins capacitance = 5pF.
AC Characteristics
VDD = 3.3V ±10%, Ambient Temperature 0 to +70°C
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
CLKIN
Input Frequency
13
30
MHz
CLKOUT
Output Frequency
13
30
MHz
SRatio
Spreading Ratio
Output frequency =
13MHz
±1.25
%
Output frequency =
30MHz
±0.7
tRise
Output rise time
Measured from 20%
to 80% VDD, 15pF
load
1.3
ns
tFall
Output fall time
Measured from 80%
to 20% VDD, 15pF
load
1.2
ns
tj_Short
Short term jitter
Cycle to cycle jitter
150
ps
TDCIN
Input duty cycle
30
50
70
%
TDCOUT
Output duty cycle
45
50
55
%
CLtrim
CLtrim
X1
X2
Crystal
08-0035


Similar Part No. - PI6C3503LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C3420A PERICOM-PI6C3420A Datasheet
492Kb / 5P
   27 MHz Spread Spectrum Clock Synthesizer
PI6C3420ATE PERICOM-PI6C3420ATE Datasheet
492Kb / 5P
   27 MHz Spread Spectrum Clock Synthesizer
PI6C3421A PERICOM-PI6C3421A Datasheet
371Kb / 7P
   27MHz Spread Spectrum Clock Synthesizer
PI6C3622-1 PERICOM-PI6C3622-1 Datasheet
317Kb / 9P
   Low Power Spread Spectrum Frequency Multiplier SSCG-GP Family
PI6C3991 PERICOM-PI6C3991 Datasheet
500Kb / 11P
   3.3V High-Speed, Low-Voltage Programmable Skew Clock Buffer SuperClock
More results

Similar Description - PI6C3503LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C3622-1 PERICOM-PI6C3622-1 Datasheet
317Kb / 9P
   Low Power Spread Spectrum Frequency Multiplier SSCG-GP Family
logo
Maxim Integrated Produc...
DS1080L MAXIM-DS1080L Datasheet
157Kb / 8P
   Spread-Spectrum Crystal Multiplier
Rev 2; 10/09
logo
Abracon Corporation
ABE0126 ABRACON-ABE0126 Datasheet
45Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
logo
PhaseLink Corporation
PLL701-01 PLL-PLL701-01 Datasheet
220Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-13 PLL-PLL701-13 Datasheet
194Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
logo
Abracon Corporation
ABE0131 ABRACON-ABE0131 Datasheet
58Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
logo
PhaseLink Corporation
PLL701-21 PLL-PLL701-21 Datasheet
195Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-26 PLL-PLL701-26 Datasheet
187Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-05 PLL-PLL701-05 Datasheet
84Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
logo
Abracon Corporation
ABE0117 ABRACON-ABE0117 Datasheet
107Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com