Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6222C Datasheet(PDF) 6 Page - Texas Instruments

Part # PT6222C
Description  2 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6222C Datasheet(HTML) 6 Page - Texas Instruments

  PT6222C Datasheet HTML 1Page - Texas Instruments PT6222C Datasheet HTML 2Page - Texas Instruments PT6222C Datasheet HTML 3Page - Texas Instruments PT6222C Datasheet HTML 4Page - Texas Instruments PT6222C Datasheet HTML 5Page - Texas Instruments PT6222C Datasheet HTML 6Page - Texas Instruments PT6222C Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
PT6222A
NRND
SIP MOD
ULE
EBA
12
12
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT6222C
NRND
SIP MOD
ULE
EBC
12
12
Pb-Free
(RoHS)
Call TI
Level-1-215C-UNLIM
PT6222H
OBSOLETE SIP MOD
ULE
EBH
12
TBD
Call TI
Call TI
PT6222J
OBSOLETE SIP MOD
ULE
EBJ
12
TBD
Call TI
Call TI
PT6222N
NRND
SIP MOD
ULE
EBD
12
12
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT6222S
OBSOLETE SIP MOD
ULE
EBF
12
TBD
Call TI
Call TI
PT6223H
OBSOLETE SIP MOD
ULE
EBH
12
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
9-Oct-2007
Addendum-Page 1


Similar Part No. - PT6222C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6222 TI1-PT6222 Datasheet
528Kb / 7P
[Old version datasheet]   2 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6222 TI1-PT6222 Datasheet
527Kb / 7P
[Old version datasheet]   Adjustable Output Voltage
PT6222A TI1-PT6222A Datasheet
528Kb / 7P
[Old version datasheet]   2 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6222A TI1-PT6222A Datasheet
527Kb / 7P
[Old version datasheet]   Adjustable Output Voltage
PT6222H TI1-PT6222H Datasheet
528Kb / 7P
[Old version datasheet]   2 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
More results

Similar Description - PT6222C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6222 TI1-PT6222 Datasheet
528Kb / 7P
[Old version datasheet]   2 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6120 TI-PT6120 Datasheet
512Kb / 6P
[Old version datasheet]   1 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6121 TI1-PT6121 Datasheet
541Kb / 7P
[Old version datasheet]   1 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6320 TI-PT6320 Datasheet
541Kb / 7P
[Old version datasheet]   3 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATORS
PT6405D TI1-PT6405D Datasheet
527Kb / 7P
[Old version datasheet]   3 Amp 5V Input Adjustable Integrated Switching Regulator
PT5120 TI1-PT5120 Datasheet
474Kb / 4P
[Old version datasheet]   1 AMP LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6705 TI-PT6705 Datasheet
358Kb / 6P
[Old version datasheet]   13 Amp 5V/3.3V Input Adjustable Integrated Switching Regulator
PT6600 TI-PT6600 Datasheet
242Kb / 5P
[Old version datasheet]   9 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6400 TI-PT6400 Datasheet
227Kb / 5P
[Old version datasheet]   3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6420 TI-PT6420 Datasheet
234Kb / 5P
[Old version datasheet]   3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com