Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMTPB195 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SMTPB195
Description  TRISILTM
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMTPB195 Datasheet(HTML) 3 Page - STMicroelectronics

  SMTPB195 Datasheet HTML 1Page - STMicroelectronics SMTPB195 Datasheet HTML 2Page - STMicroelectronics SMTPB195 Datasheet HTML 3Page - STMicroelectronics SMTPB195 Datasheet HTML 4Page - STMicroelectronics SMTPB195 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TEST CIRCUIT 1 FOR IBO and VBO parameters:
TEST PROCEDURE :
Pulse Test duration (tp = 20ms):
- For Bidirectional devices = Switch K is closed
- For Unidirectional devices = Switch K is open.
VOUT Selection
- Device with VBO
< 200 Volt
-VOUT = 250 VRMS,R1 = 140
Ω.
- Device with VBO
≥ 200 Volt
-VOUT = 480 VRMS,R2 = 240
Ω.
TEST CIRCUIT 2 for IH parameter.
This is a GO-NOGO Test which allows to confirm the holding current (IH) level in a functional
test circuit.
TEST PROCEDURE :
1) Adjust the current level at the IH value by short circuiting the AK of the D.U.T.
2) Fire the D.U.T with a surge Current : Ipp = 10A , 10/1000
µs.
3) The D.U.T will come back off-state within 50 ms max.
R
-VP
VBAT = - 48 V
Surge generator
D.U.T.
static
relay.
R1
R2
240
140
D.U.T
V BO
measure
IBO
measure
tp = 20ms
K
Transformer
220V/800V
5A
Auto
Transformer
220V/2A
Vout
SMTPBxxx
3/5


Similar Part No. - SMTPB195

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SMTPB100 BILIN-SMTPB100 Datasheet
281Kb / 4P
   TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
logo
Shenzhen Taychipst Elec...
SMTPB100 TAYCHIPST-SMTPB100 Datasheet
18Mb / 2P
   TELECOMMUNICATION PROTECTION
logo
Galaxy Semi-Conductor H...
SMTPB120 BILIN-SMTPB120 Datasheet
281Kb / 4P
   TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
logo
Shenzhen Taychipst Elec...
SMTPB120 TAYCHIPST-SMTPB120 Datasheet
18Mb / 2P
   TELECOMMUNICATION PROTECTION
logo
Galaxy Semi-Conductor H...
SMTPB130 BILIN-SMTPB130 Datasheet
281Kb / 4P
   TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
More results

Similar Description - SMTPB195

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LS5018B STMICROELECTRONICS-LS5018B Datasheet
47Kb / 5P
   TRISILTM
September 1998 Ed : 3A
SMP30-XXX STMICROELECTRONICS-SMP30-XXX Datasheet
59Kb / 6P
   TRISILTM
January 2000 - Ed: 5B
TP30 STMICROELECTRONICS-TP30 Datasheet
64Kb / 6P
   TRISILTM
November 1998 - Ed: 5A
SMTHBT200 STMICROELECTRONICS-SMTHBT200 Datasheet
56Kb / 6P
   TRISILTM FOR LINE CARD PROTECTION
SMP100LC STMICROELECTRONICS-SMP100LC Datasheet
108Kb / 10P
   TRISILTM FOR TELECOM EQUIPMENT PROTECTION
SMTHDTXX STMICROELECTRONICS-SMTHDTXX Datasheet
47Kb / 6P
   TRISILTM DISCRETE SOLUTION FOR ISDN PROTECTION
SMP100LC-XXX STMICROELECTRONICS-SMP100LC-XXX Datasheet
66Kb / 8P
   TRISILTM FOR HIGH DEBIT RATE TELECOM LINES PROTECTION
March 2000 - Ed: 3B
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com