Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE2646 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE2646
Description  Silicon NPN Transistor General Purpose Amplifier, Switch Surface Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2646 Datasheet(HTML) 1 Page - NTE Electronics

  NTE2646 Datasheet HTML 1Page - NTE Electronics NTE2646 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE2646
Silicon NPN Transistor
General Purpose Amplifier, Switch
Surface Mount
Features:
D Low Current
D Low Voltage
Applications:
D General Purpose Switching and Amplification
Absolute Maximum Ratings:
Collector−Base Voltage (Open Emitter), VCBO
80V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector−Emitter Voltage (Open Base), VCEO
65V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter−Base Voltage (Open Collector), VEBO
6V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC Collector Current, IC
Continuous
100mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak
200mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Base Current, IBM
200mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Power Dissipation (TA = +25°C, Note 1), Ptot
200mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature, TJ
+150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature Range, TA
−65° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
−65° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction−to−Ambient (In free air, Note 1), RthJA
625K/W
. . . . . . . . . . . . . . . . .
Note 1. Transistor mounted on a FR4 printed−circuit board.
Electrical Characteristics: (TA = +25 unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector−Base Cut−Off Current
ICBO
VCB = 30V, IE = 0
15
nA
VCB = 30V, IE = 0, TJ = +150°C
5
µA
Emitter−Base Cut−Off Current
IEBO
VEB = 5V, IC = 0
100
nA
DC Current Gain
hFE
IC = 10µA, VCE = 5V
150
IC = 2mA, VCE = 5V
200
290
450
Collector−Emitter Saturation Voltage
VCE(sat) IC = 10mA, IB = 0.5mA
90
250
mV
IC = 10mA, IB = 5mA, Note 2
200
600
mV
Base−Emitter Saturation Voltage
VBE(sat) IC = 10mA, IB = 0.5mA
700
mV
IC = 10mA, IB = 5mA, Note 2
900
mV
Note 2. Pulse Test: tp ≤ 300µs, δ ≤ 0.02.


Similar Part No. - NTE2646

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE264 NTE-NTE264 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE2640 NTE-NTE2640 Datasheet
23Kb / 2P
   Silicon NPN Transistor Color TV Horizontal Deflection Output
NTE2641 NTE-NTE2641 Datasheet
24Kb / 2P
   Silicon NPN Transistor Horizontal Deflection Output for High Resolution Displays & Color TVs
NTE2642 NTE-NTE2642 Datasheet
23Kb / 2P
   Silicon NPN Transistor Horizontal Deflection Output High Speed Switch
NTE2643 NTE-NTE2643 Datasheet
22Kb / 2P
   Silicon NPN Transistor, VHF/UHF Low Noise Amp (Surface Mount)
More results

Similar Description - NTE2646

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC4617 ONSEMI-2SC4617_04 Datasheet
48Kb / 4P
   NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
July, 2004 ??Rev. 4
logo
Leshan Radio Company
LMSD1819A-RT1G LRC-LMSD1819A-RT1G_11 Datasheet
89Kb / 4P
   General Purpose Amplifier Transistor NPN Silicon Surface Mount
MSD602-RT1 LRC-MSD602-RT1 Datasheet
40Kb / 1P
   NPN General Purpose Amplifier Transistor Surface Mount
logo
ON Semiconductor
2SC4081RT1 ONSEMI-2SC4081RT1 Datasheet
48Kb / 2P
   General Purpose Amplifier Transistor NPN Surface Mount
May, 2006 ??Rev. 4
MSD602-RT1G ONSEMI-MSD602-RT1G Datasheet
89Kb / 3P
   NPN General Purpose Amplifier Transistor Surface Mount
July, 2012 ??Rev. 7
MSD602-RT1 ONSEMI-MSD602-RT1 Datasheet
111Kb / 4P
   NPN General Purpose Amplifier Transistor Surface Mount
1996 REV 1
logo
E-Tech Electronics LTD
MSD602 ETL-MSD602 Datasheet
78Kb / 1P
   NPN General Purpose Amplifier Transistor Surface Mount
logo
ON Semiconductor
MSD602-RT1G ONSEMI-MSD602-RT1G_14 Datasheet
63Kb / 5P
   NPN General Purpose Amplifier Transistor Surface Mount
August, 2014 ??Rev. 10
logo
NTE Electronics
NTE123 NTE-NTE123 Datasheet
26Kb / 3P
   Silicon NPN Transistor General Purpose Audio Amplifier, Switch
2N2222A NTE-2N2222A Datasheet
66Kb / 2P
   Silicon NPN Transistor Small Signal General Purpose Amplifier & Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com