Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST14C02C-S22 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST14C02C-S22
Description  Memory Card IC 2 Kbit 256 x 8 Serial I2C Bus EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST14C02C-S22 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST14C02C-S22 Datasheet HTML 4Page - STMicroelectronics ST14C02C-S22 Datasheet HTML 5Page - STMicroelectronics ST14C02C-S22 Datasheet HTML 6Page - STMicroelectronics ST14C02C-S22 Datasheet HTML 7Page - STMicroelectronics ST14C02C-S22 Datasheet HTML 8Page - STMicroelectronics ST14C02C-S22 Datasheet HTML 9Page - STMicroelectronics ST14C02C-S22 Datasheet HTML 10Page - STMicroelectronics ST14C02C-S22 Datasheet HTML 11Page - STMicroelectronics ST14C02C-S22 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ST14C02C
10/12
Figure 10. AC Waveforms
SCL
SDA IN
SCL
SDA OUT
SCL
SDA IN
tCHCL
tDLCL
tCHDX
START
CONDITION
tCLCH
tDXCX
tCLDX
SDA
INPUT
SDA
CHANGE
tCHDH
tDHDL
STOP &
BUS FREE
DATA VALID
tCLQV
tCLQX
DATA OUTPUT
tCHDH
STOP
CONDITION
tCHDX
START
CONDITION
WRITE CYCLE
tW
AI00795B
ORDERING INFORMATION
Devices are shipped from the factory with the
memory content set at all ‘1’s (FFh).
The notation used for the device number is as
shown in Table 10. For a list of available options
(speed, package, etc...) or for further information
on any aspect of this device, please contact the ST
Sales Office nearest to you.
Sawn wafers are scribed and mounted in a frame
on adhesive tape. The orientation is defined by the
position of the GND pad on the die, viewed with
active area of product visible, relative to the notch-
es of the frame (as shown in Figure 11). The orien-
tation of the die with respect to the plastic frame
notches is specified by the Customer.
One further concern, when specifying devices to
be delivered in this form, is that wafers mounted
on adhesive tape must be used within a limited pe-
riod from the mounting date:
– two months, if wafers are stored at 25°C, 55%
relative humidity
– six months, if wafers are stored at 4°C, 55% rel-
ative humidity


Similar Part No. - ST14C02C-S22

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST14C02C STMICROELECTRONICS-ST14C02C Datasheet
277Kb / 13P
   Memory Micromodules General Information for D1, D2 and C Packaging
More results

Similar Description - ST14C02C-S22

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M14256 STMICROELECTRONICS-M14256 Datasheet
111Kb / 12P
   Memory Card IC 256/128 Kbit Serial I짼C Bus EEPROM
M24256-DRMN6TP STMICROELECTRONICS-M24256-DRMN6TP Datasheet
415Kb / 40P
   256-Kbit serial I짼C bus EEPROM
M24256-BFMC6TG STMICROELECTRONICS-M24256-BFMC6TG Datasheet
716Kb / 39P
   256-Kbit serial I짼C bus EEPROM
M24256-BW STMICROELECTRONICS-M24256-BW_12 Datasheet
410Kb / 41P
   256-Kbit serial I짼C bus EEPROM
M24256-BFDW6TP STMICROELECTRONICS-M24256-BFDW6TP Datasheet
415Kb / 40P
   256-Kbit serial I짼C bus EEPROM
logo
Siemens Semiconductor G...
SDA2526-2 SIEMENS-SDA2526-2 Datasheet
1,019Kb / 12P
   NONVOLATILE MEMORY 2-Kbit EEPROM WITH I2C BUS
logo
STMicroelectronics
M24256E-F STMICROELECTRONICS-M24256E-F Datasheet
864Kb / 46P
   256-Kbit serial I2C bus EEPROM with configurable device address
August 2022 Rev 2
M24128-DFDW6TP STMICROELECTRONICS-M24128-DFDW6TP Datasheet
1Mb / 40P
   128-Kbit serial I2C bus EEPROM
M24C64-FMC6TG STMICROELECTRONICS-M24C64-FMC6TG Datasheet
465Kb / 42P
   64-Kbit serial I2C bus EEPROM
M24C16-W STMICROELECTRONICS-M24C16-W Datasheet
654Kb / 40P
   16-Kbit serial I2C bus EEPROM
Rev 11 - October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com