Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V437432S24V Datasheet(PDF) 6 Page - Mosel Vitelic, Corp

Part # V437432S24V
Description  3.3 VOLT 32M x 72 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM ECC MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V437432S24V Datasheet(HTML) 6 Page - Mosel Vitelic, Corp

Back Button V437432S24V Datasheet HTML 2Page - Mosel Vitelic, Corp V437432S24V Datasheet HTML 3Page - Mosel Vitelic, Corp V437432S24V Datasheet HTML 4Page - Mosel Vitelic, Corp V437432S24V Datasheet HTML 5Page - Mosel Vitelic, Corp V437432S24V Datasheet HTML 6Page - Mosel Vitelic, Corp V437432S24V Datasheet HTML 7Page - Mosel Vitelic, Corp V437432S24V Datasheet HTML 8Page - Mosel Vitelic, Corp V437432S24V Datasheet HTML 9Page - Mosel Vitelic, Corp V437432S24V Datasheet HTML 10Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
V437432S24V Rev. 1.0 January 2002
MOSEL VITELIC
V437432S24V
Capacitance
TA =0°Cto70°C; VDD =3.3V ± 0.3V, f = 1 MHz
Absolute Maximum Ratings
Symbol
Parameter
Limit Values
Unit
CI1
Input Capacitance (A0 to A11, RAS,CAS,WE)85
pF
CI2
Input Capacitance (CS0-CS3)30
pF
CICL
Input Capacitance (CLK0-CLK3)
22
pF
CI3
Input Capacitance (CKE0, CKE1)
50
pF
CI4
Input Capacitance (DQM0-DQM7)
20
pF
CIO
Input/Output Capacitance (I/O1-I/064)
20
pF
CSC
Input Capacitance (SCL, SA0-2)
8
pF
CSD
Input/Output Capacitance
18
pF
Parameter
Max.
Units
VoltageonVDD Supply Relative to VSS
-1 to 4.6
V
VoltageonInput Relative to VSS
-1 to 4.6
V
Operating Temperature
0to+70
°C
Storage Temperature
-55to125
°C
Power Dissipation
7W


Similar Part No. - V437432S24V

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V437432E24V MOSEL-V437432E24V Datasheet
309Kb / 13P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V437432E24VXTG-10PC MOSEL-V437432E24VXTG-10PC Datasheet
309Kb / 13P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V437432E24VXTG-75 MOSEL-V437432E24VXTG-75 Datasheet
309Kb / 13P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V437432E24VXTG-75PC MOSEL-V437432E24VXTG-75PC Datasheet
309Kb / 13P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
More results

Similar Description - V437432S24V

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V437332S04V MOSEL-V437332S04V Datasheet
301Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V43728S04VCTG-75 MOSEL-V43728S04VCTG-75 Datasheet
204Kb / 12P
   3.3 VOLT 8M x 72 HIGH PERFORMANCE PC133 UNBUFFERED ECC SDRAM MODULE
V437216S04VCTG-75 MOSEL-V437216S04VCTG-75 Datasheet
248Kb / 12P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE PC133 UNBUFFERED ECC SDRAM MODULE
V436532S04VATG MOSEL-V436532S04VATG Datasheet
289Kb / 13P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436632S24V MOSEL-V436632S24V Datasheet
308Kb / 12P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436532S04VATG-75 MOSEL-V436532S04VATG-75 Datasheet
288Kb / 13P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V437432E24V MOSEL-V437432E24V Datasheet
309Kb / 13P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V437464S24V MOSEL-V437464S24V Datasheet
318Kb / 12P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437464Q24V MOSEL-V437464Q24V Datasheet
322Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437316S04V MOSEL-V437316S04V Datasheet
338Kb / 12P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com