Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

V437432S24V Datasheet(PDF) 3 Page - Mosel Vitelic, Corp

Part No. V437432S24V
Description  3.3 VOLT 32M x 72 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM ECC MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOSEL [Mosel Vitelic, Corp]
Homepage  http://www.moselvitelic.com
Logo 

V437432S24V Datasheet(HTML) 3 Page - Mosel Vitelic, Corp

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MOSEL VITELIC
V437432S24V
3
V437432S24V Rev. 1.0 January 2002
Module Part Number Information
Block Diagram
V
4
3
74
32
S
2
4
V
X
T
G -XX
SDRAM
3.3V
WIDTH
DEPTH
168 PIN Unbuffered
DIMM X8 COMPONENT
REFRESH
RATE 8K
4 BANKS
LVTTL
COMPONENT A=0.17u B=0.14u
REV LEVEL
COMPONENT
PACKAGE, T = TSOP
LEAD FINISH
G= GOLD
SPEED
75PC = PC133 CL3,2
MOSEL VITELIC
MANUFACTURED
75
= PC133 CL3
10PC = PC133 CL3,2
DQM0
I/O1–I/O8
CS0
10
10
10
10
WE
WE
DQM4
I/O40–I/O33
DQM1
I/O9–I/O16
DQM5
I/O48–I/O41
DQM2
I/O17–I/O24
CS2
10
10
10
10
DQM6
I/O49–I/O56
DQM3
I/O25–I/O32
DQM7
I/O57–I/O64
WE: SDRAM D0-D7
CKE: SDRAM D0-D7
RAS: SDRAM D0-D7
A(11:0): SDRAM D0-D7
BA0, BA1: SDRAM D0-D7
CKE0
RAS
CAS
WE
A(11:0)
BA0, BA1
CAS: SDRAM D0-D7
C0-C17
D0-D7
D0-D7
VCC
VSS
SCL0
SA2
SA1
SA0
SDA
WP
E2PROM SPD (256 WORD X 8 BITS)
47K
CLOCK WIRING
CLOCK INPUT
LOAD
CLK0
5 SDRAM
CLK1
Termination
CLK2
4 SDRAMS +3.3pF Cap
CLK3
Termination
D4
DQM
I/O1–I/O8
CS
D5
DQM
I/O1–I/O8
CS
D6
DQM
I/O1–I/O8
CS
D7
DQM
I/O1–I/O8
CS
DQM
I/O1–I/O8
CS
D0
DQM
I/O1–I/O8
CS
D1
DQM
I/O1–I/O8
CS
D2
DQM
I/O1–I/O8
CS
D3
WE
WE
WE
10
BC0–7
DQM
I/O1–I/O8
CS
WE
WE
WE
WE
WE


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn