Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXOH7-AF-25.000 Datasheet(PDF) 1 Page - Crystek Corporation

Part # CXOH7-AF-25.000
Description  Temperature Compensated Crystal Oscillator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CXOH7-AF-25.000 Datasheet(HTML) 1 Page - Crystek Corporation

  CXOH7-AF-25.000 Datasheet HTML 1Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TD-020901 Rev. B
PWR
Supply
mA
M
VM
OSC.
pin 1
pin 14
pin 7
pin 8
O/P Load
incl Probe Cl
OUT
GND
OUT
Vdd
N/C
Specifications subject to change without notice.
Designed to meet
today's requirements
for tighter frequency
stability and 14 Pin Dip
layout compatibility.
14 Pin Dip,
3.3V & 5V, HCMOS/TTL
CXOH7 Model
1MHz to 38MHz
±1ppm to ±5ppm
±0.5ppm Max
±0.3ppm Max
-40°C to 85°C
-55°C to 120°C
3.3V or 5V ± 5%
±3ppm Min
15mA Typ, 30mA Max
HCMOS/TTL
40/60% Max @ 50% Vdd
45/55% Max
4ns Typ, 10ns Max
"0" = 10% Vdd Max
"1" = 90% Vdd Min
15pF/10TTL Max
-100dBc/Hz
-130dBc/Hz
-140dBc/Hz
-145dBc/Hz
-150dBc/Hz
<1ppm Max/Yr
Frequency Range:
Frequency Stability:
Freq. Stability vs Volt:
Freq. Stability vs Load:
Temperature Range:
Storage:
Input Voltage:
Trimmer Adj. Range:
Input Current:
Output:
Symmetry:
(Option Y)
Rise/Fall Time:
Output Voltage:
Load:
Phase Noise Typ.:
10Hz
100Hz
1KHz
10KHz
100KHz
Aging:
CXOH7
CXOH7 - B C 3 Y - 25.000
Crystek Part Number Guide
#4
#6
#1 Crystek TCXO 14 Pin Dip HCMOS/TTL
#2 Letter = Operating Temperature (see table 1)
#3 Letter = Frequency Stability (see table 1)
#4 3 or blank = Input Volt (3 = 3.3 volts) (Blank= 5V)
#5 Y or blank = Symmetry (Y=45/55) (Blank = 40/60)
#6 Frequency in MHz: 3 or 6 decimal places
Example:
CXOH7-BC3Y-25.000 = -10/60, ±2.5ppm, 3.3V, 45/55%, 25.000MHz
#1
#2
#3
#5
Table 1
Operating
Temperature
Freq. Stability (± ppm)
0°C to 50°C
-10°C to 60°C
-10°C to 70°C
-20°C to 70°C
-30°C to 60°C
-30°C to 70°C
-30°C to 75°C
-40°C to 85°C
1.5
2.0
2.0
2.0
2.0
2.5
2.5
2.5
2.5
2.5
2.5
3.0
3.0
3.0
3.0
3.0
3.0
3.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
AB
C
D
E
F
A
B
C
D
E
F
G
H
1.0
P
2.5
3.0
2.0
2.0
2.0
0.393
(10.0)
0.260
(6.60)
CRYSTEK
Freq
Part no
Date Code
0.964
(24.5)
0.984
(25.0)
0.570
(14.5)
0.590
(15.0)
0.600
(15.24)
0.300
(7.62)
Pin 14
Pin 7
Pin 8
Bottom View
Pin 1
All dimensions are Max unless otherwise specified.
Dimensions inches (mm)
PIN
Function
1
7
8
14
NC
GND
OUT
Vcc
Temperature Compensated
Crystal Oscillator
Le
ad
Fre
e
Ro
HS
Co
mp
lian
t


Similar Part No. - CXOH7-AF-25.000

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CXOH7 CRYSTEKCRYSTAL-CXOH7_15 Datasheet
70Kb / 1P
   Temperature Compensated Crystal Oscillator
More results

Similar Description - CXOH7-AF-25.000

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-801 VECTRON-TX-801_14 Datasheet
370Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-704 VECTRON-VT-704_14 Datasheet
927Kb / 8P
   Temperature Compensated Crystal Oscillator
VT-803 VECTRON-VT-803_14 Datasheet
1Mb / 9P
   Temperature Compensated Crystal Oscillator
VT-706 VECTRON-VT-706 Datasheet
732Kb / 7P
   Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CXOHD5 CRYSTEKCRYSTAL-CXOHD5 Datasheet
70Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD6 CRYSTEKCRYSTAL-CXOSD6_15 Datasheet
114Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD4 CRYSTEKCRYSTAL-CXOSD4_15 Datasheet
122Kb / 1P
   Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
   Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com