Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYSD1G1C20.000 Datasheet(PDF) 1 Page - Crystek Corporation

Part # CYSD1G1C20.000
Description  Quartz Crystal Surface Mount HC49S SMD Crystal
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CYSD1G1C20.000 Datasheet(HTML) 1 Page - Crystek Corporation

  CYSD1G1C20.000 Datasheet HTML 1Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TD-021006 Rev. C
Specifications subject to change without notice.
Surface Mount HC49S SMD Crystal
CYSDxx Model
3.18MHz to 40MHz (fund)
27MHz to 86MHz (3rd O/T)
±50ppm (Standard p/n)
±10ppm to ±100ppm
±100ppm (Standard p/n)
±10ppm to ±100ppm
0°C to 70°C (Standard p/n)
-20°C to 70°C
-40°C to 85°C
-55°C to 120°C
7.0pF Max
100uW Typical
see table 1
**Custom Designs Available
Frequency Range:
Calibration Tolerance:
(Option)
Frequency Stability:
(Option)
Temperature Range:
(Option)
(Option)
Storage:
Shunt Capacitance:
Drive Level:
ESR:
All dimensions are Max unless otherwise specified.
Dimensions inches (mm)
Freq. (MHz)
Max ESR
3.18 - 3.4
190
3.5 - 4.0
150
4.1 - 4.9
120
5.0 - 5.9
100
6.0 - 11.9
90
12.0 - 14.9
70
15.0 - 30.0
50
30.1 - 86.0
100
Resistance at series resonance
Table 1
Standard part numbers
Build Your Own P/N
Part number
Freq. (MHz)
CL
Max ESR
CY3DMSMD
3.579545
18pF
150
CY3JSMD
3.686400
series
150
CY3JMSMD
3.686400
18pF
150
CY3JNSMD
3.686400
20pF
150
CY3ASMD
4.000
series
150
CY3APSMD
4.000
20pF
150
CY4ESMD
4.194304
12pF
120
CY4DSMD
4.915200
series
120
CY7ASMD
5.000
series
100
CY7APSMD
5.000
20pF
100
CY5BSMD
5.0688
series
100
CY6BSMD
6.000
series
90
CY6BPSMD
6.000
20pF
90
CY8GSMD
8.000
series
90
CY8GPSMD
8.000
20pF
90
CY9BSMD
9.830400
series
90
CY12ASMD
10.000
series
90
CY11BSMD
11.059200
series
90
CY11BPSMD
11.059200
20pF
90
CY12BSMD
12.000
series
70
CY12BPSMD
12.000
20pF
70
CY14ASMD
14.318180
series
70
CY14ACSMD
14.318180
18pF
70
CY14APSMD
14.318180
20pF
70
CY14BSMD
14.745600
series
70
CY15ASMD
15.000
series
50
CY16BSMD
16.000
series
50
CY16BPSMD
16.000
20pF
50
CY19ASMD
18.000
series
50
CY19BSMD
18.432
series
50
CY19BPSMD
18.432
20pF
50
CY20ASMD
19.660800
series
50
CY20APSMD
19.660800
20pF
50
CY22ASMD
20.000
series
50
CY22APSMD
20.000
20pF
50
CY24ASMD
24.000
series
50
CY24APSMD
24.000
20pF
50
CY25ASMD
25.000
series
50
See
Options
0.150
(3.81)
0.405
(10.30)
0.185
(4.70)
0.532
(13.50)
0.040
(1.02)
0.150
(3.81)
0.472
(12.00)
CYSD X X X X X - Freq
Example:
CYSD4F51C-20.000 = ±25ppm at 25°C, ±50ppm 0 to 70°C, 20pF Load Cap, Fundamental, 5.0mm, 20.000MHz
Mode
Frequency Tolerance
at 25°C
1 ±10 ppm
2 ±15 ppm
3 ±20 ppm
4 ±25 ppm
5 ±30 ppm
6 ±50 ppm
7 ±100 ppm
(0 to 70°C)
(0 to 70°C)
(0 to 70°C)
(0 to 70°C)
(0 to 70°C)
(0 to 70°C)
(0 to 70°C)
(-20 to 70°C)
(-20 to 70°C)
±10 ppm
±15 ppm
±20 ppm
±25 ppm
±30 ppm
±50 ppm
±100 ppm
±15 ppm
±20 ppm
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
Q
±30ppm
±50 ppm
±100 ppm
±20 ppm
±25 ppm
±30 ppm
±50 ppm
±100 ppm
(-20 to 70°C)
(-20 to 70°C)
(-20 to 70°C)
(-40 to 85°C)
(-40 to 85°C)
(-40 to 85°C)
(-40 to 85°C)
(-40 to 85°C)
Frequency Stability
over Temp Range
Load
Capacitance
1
2
3
4
5
6
7
8
Series
14 pF
16 pF
18 pF
20 pF
22 pF
25 pF
32 pF
1
3
Fundamental 3.18-40MHz
3rd Overtone 27-86 MHz
Options
Can Height
A 3.0mm
B 4.0mm
C 5.0mm
Aging:
<3ppm 1st/yr Max
Quartz Crystal
40
Le
ad
Fre
e
Ro
HS
Co
mp
lian
t


Similar Part No. - CYSD1G1C20.000

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CYSDXX CRYSTEKCRYSTAL-CYSDXX_15 Datasheet
64Kb / 1P
   Low Profile HC49S SMD Crystal
More results

Similar Description - CYSD1G1C20.000

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
QKT-HC49S KINGTRONICS-QKT-HC49S Datasheet
403Kb / 1P
   QKT HC49S QUARTZ CRYSTAL
logo
Crystek Corporation
CYSXX CRYSTEKCRYSTAL-CYSXX Datasheet
158Kb / 1P
   Quartz Crystal Low Profile HC49S Leaded Crystal
logo
CTS Corporation
403 CTS-403 Datasheet
132Kb / 3P
   Surface Mount Quartz Crystal
405 CTS-405 Datasheet
135Kb / 3P
   Surface Mount Quartz Crystal
ATP-SM CTS-ATP-SM_06 Datasheet
118Kb / 4P
   Surface Mount Quartz Crystal
405C35D48M00000 CTS-405C35D48M00000 Datasheet
125Kb / 3P
   Surface Mount Quartz Crystal
407 CTS-407 Datasheet
155Kb / 3P
   Surface Mount Quartz Crystal
445W21AXXMXXXXX CTS-445W21AXXMXXXXX Datasheet
108Kb / 2P
   Surface Mount Quartz Crystal
logo
STATEK CORPORATION
CX11VSM STATEK-CX11VSM Datasheet
104Kb / 2P
   Surface Mount Quartz Crystal
logo
CTS Corporation
405C11A19M20000 CTS-405C11A19M20000 Datasheet
125Kb / 3P
   Surface Mount Quartz Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com