Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBT16601 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBT16601
Description  166.8MHz SAW Filter 7.8MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT16601 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBT16601 Datasheet HTML 1Page - SIPAT Co,Ltd LBT16601 Datasheet HTML 2Page - SIPAT Co,Ltd LBT16601 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT16601
Rev. Date
2005-3-28
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
166.8MHz SAW Filter
7.8MHz Bandwidth
Part Number: LBT16601
Typical Performance
Frequency Respond
Passband Respond
146.8
151.8
156.8
161.8
166.8
171.8
176.8
181.8
186.8
-102.6689
-92.6689
-82.6689
-72.6689
-62.6689
-52.6689
-42.6689
-32.6689
160
162
164
166
168
170
172
174
-27
-26
-25
-24
-23
-22
-21
-20
-19
Type performance
Frequency(MHz)
Group Delay Variation(f0±3.12MHz)
Phase Linearity(f0±3.12MHz)
Simth Chart S11
Simth Chart S22


Similar Part No. - LBT16601

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT16601 SIPAT-LBT16601 Datasheet
282Kb / 3P
   166.8MHz SAW Filter 7.8MHz Bandwidth
More results

Similar Description - LBT16601

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT16601 SIPAT-LBT16601 Datasheet
282Kb / 3P
   166.8MHz SAW Filter 7.8MHz Bandwidth
LBT12101 SIPAT-LBT12101 Datasheet
139Kb / 3P
   121.8MHz SAW Filter 7.8MHz Bandwidth
LBT12101 SIPAT-LBT12101 Datasheet
145Kb / 3P
   121.8MHz SAW Filter 7.8MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0427A TAI-SAW-TB0427A Datasheet
253Kb / 7P
   456MHz 7.8MHz BW SMD5x5mm IF SAW Filter
logo
SIPAT Co,Ltd
LBN07091 SIPAT-LBN07091 Datasheet
264Kb / 3P
   70MHz SAW Filter 12.4MHz Bandwidth
LBN07095 SIPAT-LBN07095 Datasheet
276Kb / 3P
   70MHz SAW Filter 18.6MHz Bandwidth
LBN07097 SIPAT-LBN07097 Datasheet
158Kb / 3P
   70MHz SAW Filter 13.35MHz Bandwidth
LBT13005 SIPAT-LBT13005 Datasheet
286Kb / 3P
   130MHz SAW Filter 4.4MHz Bandwidth
LBT14050 SIPAT-LBT14050 Datasheet
280Kb / 3P
   140MHz SAW Filter 9MHz Bandwidth
LBT14080 SIPAT-LBT14080 Datasheet
271Kb / 3P
   140MHz SAW Filter 8MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com