Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBT16201 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # LBT16201
Description  162.2MHz SAW Filter 1MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT16201 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  LBT16201 Datasheet HTML 1Page - SIPAT Co,Ltd LBT16201 Datasheet HTML 2Page - SIPAT Co,Ltd LBT16201 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT16201
Rev. Date
2008-01-21
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 2/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
162.2MHz SAW Filter
1MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w.. s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBT16201
Matching Configuration
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
Package Dimension
Package: SMD9.1*7.1
Unit: mm
Pad Configuration:
Input
1
Output
6
Ground All Others
Marking Configuration:
1) •: Pad Number 1 Index
2) SIPAT: Manufacturer Name
3) LBT16201: Part Number
4) 07XX: Date Code
INPUT
OUTPUT
50Ω
50Ω
7
6
5
8
9
10
1
2
3
4
4
6
5
2
3
1
10
9
8
7
SIPAT
LBT16201
07XX
9.10
0.80
1.00
2.54
5.08


Similar Part No. - LBT16201

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT16.896 SIPAT-LBT16.896 Datasheet
51Kb / 1P
   SAW filter technical specification
LBT16009 SIPAT-LBT16009 Datasheet
51Kb / 1P
   SAW Filter Electrical Characteristic
LBT16009 SIPAT-LBT16009 Datasheet
52Kb / 1P
   SAW Filter Electrical Characteristic
LBT16010 SIPAT-LBT16010 Datasheet
276Kb / 3P
   160MHz SAW Filter 8.5MHz Bandwidth
LBT16010 SIPAT-LBT16010 Datasheet
282Kb / 3P
   160MHz SAW Filter 8.5MHz Bandwidth
More results

Similar Description - LBT16201

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS11508B SIPAT-LBS11508B Datasheet
137Kb / 3P
   115MHz SAW Filter 1MHz Bandwidth
LBS70A13 SIPAT-LBS70A13 Datasheet
140Kb / 3P
   70MHz SAW Filter 1MHz Bandwidth
LBS06301 SIPAT-LBS06301 Datasheet
151Kb / 4P
   62.5MHz SAW Filter 1MHz Bandwidth
LBS16401 SIPAT-LBS16401_10 Datasheet
183Kb / 3P
   163.5MHz SAW Filter 1MHz Bandwidth
LBS07204 SIPAT-LBS07204 Datasheet
146Kb / 3P
   72.1MHz SAW Filter 1MHz Bandwidth
LBS7039 SIPAT-LBS7039 Datasheet
142Kb / 3P
   70MHz SAW Filter 1MHz Bandwidth
LBS07406 SIPAT-LBS07406 Datasheet
135Kb / 3P
   73.7MHz SAW Filter 1MHz Bandwidth
LB070DS04 SIPAT-LB070DS04 Datasheet
150Kb / 3P
   70MHz SAW Filter 1MHz Bandwidth
LBS11508 SIPAT-LBS11508 Datasheet
145Kb / 3P
   115MHz SAW Filter 1MHz Bandwidth
LBS16401 SIPAT-LBS16401 Datasheet
183Kb / 3P
   163.5MHz SAW Filter 1MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com