Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V437432E24V Datasheet(PDF) 5 Page - Mosel Vitelic, Corp

Part # V437432E24V
Description  3.3 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V437432E24V Datasheet(HTML) 5 Page - Mosel Vitelic, Corp

  V437432E24V Datasheet HTML 1Page - Mosel Vitelic, Corp V437432E24V Datasheet HTML 2Page - Mosel Vitelic, Corp V437432E24V Datasheet HTML 3Page - Mosel Vitelic, Corp V437432E24V Datasheet HTML 4Page - Mosel Vitelic, Corp V437432E24V Datasheet HTML 5Page - Mosel Vitelic, Corp V437432E24V Datasheet HTML 6Page - Mosel Vitelic, Corp V437432E24V Datasheet HTML 7Page - Mosel Vitelic, Corp V437432E24V Datasheet HTML 8Page - Mosel Vitelic, Corp V437432E24V Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MOSEL VITELIC
V437432E24V
5
V437432E24V Rev. 1.0 January 2002
Serial Presence Detect Information
A serial presence detect storage device –
E2PROM – is assembled onto the module. Informa-
tion about the module configuration, speed, etc. is
writtenintothe E2PROM device during module pro-
duction using a serial presence detect protocol (I2C
synchronous 2-wire bus)
SPD-Table for modules:
Byte
Number
Function Described
SPD Entry Value
Hex Value
-75PC
-75
-10PC
0
Number of SPD bytes
128
80
80
80
1
Total bytes in Serial PD
256
08
08
08
2
Memory Type
SDRAM
04
04
04
3
Number of Row Addresses (without BS bits)
13
0D
0D
0D
4
Number of Column Addresses (for x8
SDRAM)
10
0A
0A
0A
5
Number of DIMM Banks
1
01
01
01
6
Module Data Width
72
48
48
48
7
Module Data Width (continued)
0
00
00
00
8
Module Interface Levels
LVTTL
01
01
01
9
SDRAM Cycle Time at CL=3
7.5 ns/10.0 ns
75
75
A0
10
SDRAM Access Time from Clock at CL=3
5.4 ns/6.0 ns
54
54
60
11
Dimm Config (Error Det/Corr.)
ECC
02
02
02
12
Refresh Rate/Type
Self-Refresh, 7.8
µs82
82
82
13
SDRAM width, Primary
x8
08
08
08
14
Error Checking SDRAM Data Width
n/a / x8
08
08
08
15
MinimumClock DelayfromBackto Back
Random Column Address
tccd =1 CLK
01
01
01
16
Burst Length Supported
1, 2, 4, 8
0F
0F
0F
17
Number of SDRAM Banks
4
04
04
04
18
Supported CAS Latencies
CL = 2,3
06
06
06
19
CS Latencies
CS Latency = 0
01
01
01
20
WE Latencies
WL = 0
01
01
01
21
SDRAM DIMM Module Attributes
Registered/Buffered.
1F
1F
1F
22
SDRAM Device Attributes: General
Vcc tol ± 10%
0E
0E
0E
23
Minimum Clock Cycle Time at CAS Latency
=2
7.5 ns /10.0 ns
75
A0
A0
24
Maximum Data Access Time from Clock for
CL = 2
5.4 ns/6.0 ns
54
60
60
25
Minimum Clock Cycle Time at CL = 1
Not Supported
00
00
00
26
Maximum Data Access Time from Clock at
CL = 1
Not Supported
00
00
00
27
Minimum Row Precharge Time
15 ns/20 ns
0F
14
14


Similar Part No. - V437432E24V

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V437432S24V MOSEL-V437432S24V Datasheet
267Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM ECC MODULE
More results

Similar Description - V437432E24V

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V437332S04V MOSEL-V437332S04V Datasheet
301Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437464E24V MOSEL-V437464E24V Datasheet
313Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V827332N04S MOSEL-V827332N04S Datasheet
450Kb / 15P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED ECC DDR SDRAM MODULE
V827332U04S MOSEL-V827332U04S Datasheet
294Kb / 14P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED ECC DDR SDRAM MODULE
V437432S24V MOSEL-V437432S24V Datasheet
267Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM ECC MODULE
V437464C24V MOSEL-V437464C24V Datasheet
325Kb / 12P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE PC133 REGISTERED PLL ECC SDRAM MODULE
V437464S24V MOSEL-V437464S24V Datasheet
318Kb / 12P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V827332K04S MOSEL-V827332K04S Datasheet
277Kb / 14P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
V827432K24S MOSEL-V827432K24S Datasheet
211Kb / 14P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
V437464Q24V MOSEL-V437464Q24V Datasheet
322Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com