Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4252-2IMS8PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4252-2IMS8PBF
Description  Negative Voltage Hot Swap Controllers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4252-2IMS8PBF Datasheet(HTML) 4 Page - Linear Technology

  LTC4252-2IMS8PBF Datasheet HTML 1Page - Linear Technology LTC4252-2IMS8PBF Datasheet HTML 2Page - Linear Technology LTC4252-2IMS8PBF Datasheet HTML 3Page - Linear Technology LTC4252-2IMS8PBF Datasheet HTML 4Page - Linear Technology LTC4252-2IMS8PBF Datasheet HTML 5Page - Linear Technology LTC4252-2IMS8PBF Datasheet HTML 6Page - Linear Technology LTC4252-2IMS8PBF Datasheet HTML 7Page - Linear Technology LTC4252-2IMS8PBF Datasheet HTML 8Page - Linear Technology LTC4252-2IMS8PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LTC4252-1/LTC4252-2
LTC4252A-1/LTC4252A-2
4
425212fb
ITMR
TIMER Pin Current
Timer On (Initial Cycle/Latchoff/
5.8
5.8
µA
Shutdown Cooling, Sourcing),
VTMR = 2V
Timer Off (Initial Cycle, Sinking),
28
28
mA
VTMR = 2V
Timer On (Circuit Breaker, Sourcing,
230
230
µA
IDRN = 0µA), VTMR = 2V
Timer On (Circuit Breaker, Sourcing,
630
630
µA
IDRN = 50µA), VTMR = 2V
Timer Off (Circuit Breaker/
5.8
5.8
µA
Shutdown Cooling, Sinking),
VTMR = 2V
∆ITMRACC [(ITMR at IDRN = 50µA) – (ITMR at IDRN = 0µA)] Timer On (Circuit Breaker with
8
8
µA/µA
∆IDRN
∆IDRN
IDRN = 50µA)
VDRNL
DRAIN Pin Voltage Low Threshold
For PWRGD Status (MS Only)
2.385
2.385
V
IDRNL
DRAIN Leakage Current
VDRAIN = 5V (4V for LTC4252A)
±0.1 ±1
±0.1
±1
µA
VDRNCL
DRAIN Pin Clamp Voltage
IDRN = 50µA7
6
V
VPGL
PWRGD Output Low Voltage
IPG = 1.6mA (MS Only)
0.2
0.4
0.2
0.4
V
IPG = 5mA (MS Only)
1.1
1.1
V
IPGH
PWRGD Pull-Up Current
VPWRGD = 0V (Sourcing) (MS Only)
40
58
80
40
58
80
µA
tSS
SS Default Ramp Period
SS pin floating, VSS ramps from
180
µs
0.2V to 2V
SS pin floating, VSS ramps from
230
µs
0.1V to 0.9V
tPLLUG
UV Low to Gate Low
0.4
0.4
µs
tPHLOG
OV High to Gate Low
0.4
0.4
µs
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
LTC4252-1/-2
LTC4252A-1/-2
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to VEE unless otherwise
specified.


Similar Part No. - LTC4252-2IMS8PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4252-2 LINER-LTC4252-2 Datasheet
278Kb / 24P
   Dual Supply Hot Swap Controller for Advanced Mezzanine Card
LTC4252-2 LINER-LTC4252-2 Datasheet
310Kb / 34P
   ??8V Hot Swap Controllers
logo
Analog Devices
LTC4252-2 AD-LTC4252-2 Datasheet
3Mb / 82P
   High Power Negative Voltage Hot Swap Controller with Energy Monitor
LTC4252-2 AD-LTC4252-2 Datasheet
2Mb / 74P
   Negative Voltage Hot Swap Controller with Energy Monitor
logo
Linear Technology
LTC4252-2 LINER-LTC4252-2_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
More results

Similar Description - LTC4252-2IMS8PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-2 LINER-LTC4252-2_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252A-1 LINER-LTC4252A-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252A-2 LINER-LTC4252A-2_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252C-1 LINER-LTC4252C-1_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252C-2 LINER-LTC4252C-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4214-2 LINER-LTC4214-2_15 Datasheet
282Kb / 32P
   Negative Low Voltage Hot Swap Controllers
LTC4214-1 LINER-LTC4214-1_15 Datasheet
282Kb / 32P
   Negative Low Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com