Electronic Components Datasheet Search |
|
CYSD1E2B20.000 Datasheet(PDF) 1 Page - Crystek Corporation |
|
CYSD1E2B20.000 Datasheet(HTML) 1 Page - Crystek Corporation |
|
1 / 1 page TD-021006 Rev. C Specifications subject to change without notice. Surface Mount HC49S SMD Crystal CYSDxx Model 3.18MHz to 40MHz (fund) 27MHz to 86MHz (3rd O/T) ±50ppm (Standard p/n) ±10ppm to ±100ppm ±100ppm (Standard p/n) ±10ppm to ±100ppm 0°C to 70°C (Standard p/n) -20°C to 70°C -40°C to 85°C -55°C to 120°C 7.0pF Max 100uW Typical see table 1 **Custom Designs Available Frequency Range: Calibration Tolerance: (Option) Frequency Stability: (Option) Temperature Range: (Option) (Option) Storage: Shunt Capacitance: Drive Level: ESR: All dimensions are Max unless otherwise specified. Dimensions inches (mm) Freq. (MHz) Max ESR 3.18 - 3.4 190 3.5 - 4.0 150 4.1 - 4.9 120 5.0 - 5.9 100 6.0 - 11.9 90 12.0 - 14.9 70 15.0 - 30.0 50 30.1 - 86.0 100 Resistance at series resonance Table 1 Standard part numbers Build Your Own P/N Part number Freq. (MHz) CL Max ESR CY3DMSMD 3.579545 18pF 150 CY3JSMD 3.686400 series 150 CY3JMSMD 3.686400 18pF 150 CY3JNSMD 3.686400 20pF 150 CY3ASMD 4.000 series 150 CY3APSMD 4.000 20pF 150 CY4ESMD 4.194304 12pF 120 CY4DSMD 4.915200 series 120 CY7ASMD 5.000 series 100 CY7APSMD 5.000 20pF 100 CY5BSMD 5.0688 series 100 CY6BSMD 6.000 series 90 CY6BPSMD 6.000 20pF 90 CY8GSMD 8.000 series 90 CY8GPSMD 8.000 20pF 90 CY9BSMD 9.830400 series 90 CY12ASMD 10.000 series 90 CY11BSMD 11.059200 series 90 CY11BPSMD 11.059200 20pF 90 CY12BSMD 12.000 series 70 CY12BPSMD 12.000 20pF 70 CY14ASMD 14.318180 series 70 CY14ACSMD 14.318180 18pF 70 CY14APSMD 14.318180 20pF 70 CY14BSMD 14.745600 series 70 CY15ASMD 15.000 series 50 CY16BSMD 16.000 series 50 CY16BPSMD 16.000 20pF 50 CY19ASMD 18.000 series 50 CY19BSMD 18.432 series 50 CY19BPSMD 18.432 20pF 50 CY20ASMD 19.660800 series 50 CY20APSMD 19.660800 20pF 50 CY22ASMD 20.000 series 50 CY22APSMD 20.000 20pF 50 CY24ASMD 24.000 series 50 CY24APSMD 24.000 20pF 50 CY25ASMD 25.000 series 50 See Options 0.150 (3.81) 0.405 (10.30) 0.185 (4.70) 0.532 (13.50) 0.040 (1.02) 0.150 (3.81) 0.472 (12.00) CYSD X X X X X - Freq Example: CYSD4F51C-20.000 = ±25ppm at 25°C, ±50ppm 0 to 70°C, 20pF Load Cap, Fundamental, 5.0mm, 20.000MHz Mode Frequency Tolerance at 25°C 1 ±10 ppm 2 ±15 ppm 3 ±20 ppm 4 ±25 ppm 5 ±30 ppm 6 ±50 ppm 7 ±100 ppm (0 to 70°C) (0 to 70°C) (0 to 70°C) (0 to 70°C) (0 to 70°C) (0 to 70°C) (0 to 70°C) (-20 to 70°C) (-20 to 70°C) ±10 ppm ±15 ppm ±20 ppm ±25 ppm ±30 ppm ±50 ppm ±100 ppm ±15 ppm ±20 ppm A B C D E F G H I J K L M N O P Q ±30ppm ±50 ppm ±100 ppm ±20 ppm ±25 ppm ±30 ppm ±50 ppm ±100 ppm (-20 to 70°C) (-20 to 70°C) (-20 to 70°C) (-40 to 85°C) (-40 to 85°C) (-40 to 85°C) (-40 to 85°C) (-40 to 85°C) Frequency Stability over Temp Range Load Capacitance 1 2 3 4 5 6 7 8 Series 14 pF 16 pF 18 pF 20 pF 22 pF 25 pF 32 pF 1 3 Fundamental 3.18-40MHz 3rd Overtone 27-86 MHz Options Can Height A 3.0mm B 4.0mm C 5.0mm Aging: <3ppm 1st/yr Max Quartz Crystal 40 Le ad Fre e Ro HS Co mp lian t |
Similar Part No. - CYSD1E2B20.000 |
|
Similar Description - CYSD1E2B20.000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |