Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBT10102 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBT10102
Description  101.3MHz SAW Filter 5MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT10102 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBT10102 Datasheet HTML 1Page - SIPAT Co,Ltd LBT10102 Datasheet HTML 2Page - SIPAT Co,Ltd LBT10102 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT10102
Rev. Date
2006-12-1
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
101.3MHz SAW Filter
5MHz Bandwidth
Part Number: LBT10102
Typical Performance
Frequency Respond
Passband Respond
89.3
92.3
95.3
98.3
101.3
104.3
107.3
110.3
113.3
116.3
-115.4191
-105.4191
-95.4191
-85.4191
-75.4191
-65.4191
-55.4191
-45.4191
-35.4191
-25.4191
97
98
99
100
101
102
103
104
105
106
-27.5
-27
-26.5
-26
-25.5
-25
-24.5
-24
-23.5
-23
Group Delay Variation(f0±2.4MHz)
Phase Linearity(f0±2.4MHz)
Smith Chart S11
Smith Chart S22


Similar Part No. - LBT10102

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT10102 SIPAT-LBT10102 Datasheet
144Kb / 3P
   101.3MHz SAW Filter 5MHz Bandwidth
More results

Similar Description - LBT10102

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT10102 SIPAT-LBT10102 Datasheet
144Kb / 3P
   101.3MHz SAW Filter 5MHz Bandwidth
LBT10103 SIPAT-LBT10103 Datasheet
150Kb / 3P
   101.3MHz IF SAW Filter 5MHz Bandwidth
LBT10103 SIPAT-LBT10103 Datasheet
145Kb / 3P
   101.3MHz IF SAW Filter 5MHz Bandwidth
LBS10101 SIPAT-LBS10101 Datasheet
144Kb / 3P
   101.3MHz SAW Filter 2MHz Bandwidth
LBS10101 SIPAT-LBS10101 Datasheet
138Kb / 3P
   101.3MHz SAW Filter 2MHz Bandwidth
LBT7030 SIPAT-LBT7030 Datasheet
144Kb / 3P
   70MHz SAW Filter 5MHz Bandwidth
LBS14094 SIPAT-LBS14094 Datasheet
143Kb / 3P
   140MHz SAW Filter 5MHz Bandwidth
LBS14701 SIPAT-LBS14701 Datasheet
139Kb / 3P
   147.5MHz SAW Filter 5MHz Bandwidth
LBT09606 SIPAT-LBT09606 Datasheet
299Kb / 3P
   96MHz SAW Filter 5MHz Bandwidth
LBT7030 SIPAT-LBT7030_10 Datasheet
149Kb / 3P
   70MHz SAW Filter 5MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com