Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4252-2CMS Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4252-2CMS
Description  Negative Voltage Hot Swap Controllers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4252-2CMS Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4252-2CMS Datasheet HTML 7Page - Linear Technology LTC4252-2CMS Datasheet HTML 8Page - Linear Technology LTC4252-2CMS Datasheet HTML 9Page - Linear Technology LTC4252-2CMS Datasheet HTML 10Page - Linear Technology LTC4252-2CMS Datasheet HTML 11Page - Linear Technology LTC4252-2CMS Datasheet HTML 12Page - Linear Technology LTC4252-2CMS Datasheet HTML 13Page - Linear Technology LTC4252-2CMS Datasheet HTML 14Page - Linear Technology LTC4252-2CMS Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
LTC4252-1/LTC4252-2
LTC4252A-1/LTC4252A-2
11
425212fb
BLOCK DIAGRA
+
4252-1/2 BD
(+)
+()
+
+
VIN
VIN
VEE
VEE
RSS
VEE
VEE
VEE
0.5V
VEE
VEE
VEE
5.8
µA
5.8
µA
VIN
VEE
VIN
6.15V
(5V)
58
µA
230
µA
VIN
22
µA
(28
µA)
95k
(47.5k)
TIMER
6.15V
(5.09V)
2.925V
(3.08V)
4V
1V
+
2.385V
VEE
VEE
VOS = 10mV
VIN
2.8V
+
UV *
GATE
SENSE
VIN
VEE
58
µA
PWRGD **
DRAIN
OV *
SS
VIN
CB
50mV
+
FCL
200mV
+
ACL
5k
(2.5k)
+
1
×
1
×
8
×
1
×
LOGIC
*OV AND UV ARE TIED TOGETHER ON THE MS8 PACKAGE. OV AND UV ARE SEPARATE PINS ON THE MS PACKAGE
** ONLY AVAILABLE IN THE MS PACKAGE
FOR COMPONENTS, CURRENT AND VOLTAGE WITH TWO VALUES, VALUES IN PARENTHESES REFER
TO THE LTC4252A. VALUES WITHOUT PARENTHESES REFER TO THE LTC4252


Similar Part No. - LTC4252-2CMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4252-2 LINER-LTC4252-2 Datasheet
278Kb / 24P
   Dual Supply Hot Swap Controller for Advanced Mezzanine Card
LTC4252-2 LINER-LTC4252-2 Datasheet
310Kb / 34P
   ??8V Hot Swap Controllers
logo
Analog Devices
LTC4252-2 AD-LTC4252-2 Datasheet
3Mb / 82P
   High Power Negative Voltage Hot Swap Controller with Energy Monitor
LTC4252-2 AD-LTC4252-2 Datasheet
2Mb / 74P
   Negative Voltage Hot Swap Controller with Energy Monitor
logo
Linear Technology
LTC4252-2 LINER-LTC4252-2_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
More results

Similar Description - LTC4252-2CMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-2 LINER-LTC4252-2_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252A-1 LINER-LTC4252A-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252A-2 LINER-LTC4252A-2_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252C-1 LINER-LTC4252C-1_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252C-2 LINER-LTC4252C-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4214-2 LINER-LTC4214-2_15 Datasheet
282Kb / 32P
   Negative Low Voltage Hot Swap Controllers
LTC4214-1 LINER-LTC4214-1_15 Datasheet
282Kb / 32P
   Negative Low Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com