Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ULN2071B Datasheet(PDF) 4 Page - STMicroelectronics

Part # ULN2071B
Description  80 V - 1.5 A QUAD DARLINGTON SWITCHES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ULN2071B Datasheet(HTML) 4 Page - STMicroelectronics

  ULN2071B Datasheet HTML 1Page - STMicroelectronics ULN2071B Datasheet HTML 2Page - STMicroelectronics ULN2071B Datasheet HTML 3Page - STMicroelectronics ULN2071B Datasheet HTML 4Page - STMicroelectronics ULN2071B Datasheet HTML 5Page - STMicroelectronics ULN2071B Datasheet HTML 6Page - STMicroelectronics ULN2071B Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Figure 5.
Figure 6.
Figure 7.
Figure 8.
Figure 9 : Input Current as a Function of
Input Voltage.
Figure 10 : Input Current as a Function of
Input Voltage.
Figure 11 : Collector Current as a Function of
Input Current.
ULN2065B-ULN2067B-ULN2069B-ULN2071B-ULN2075B-ULN2077B
4/7


Similar Part No. - ULN2071B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ULN2071B STMICROELECTRONICS-ULN2071B Datasheet
133Kb / 7P
   80 V - 1.5 A QUAD DARLINGTON SWITCHES
More results

Similar Description - ULN2071B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ULN2065B-ULN2067B STMICROELECTRONICS-ULN2065B-ULN2067B Datasheet
133Kb / 7P
   80 V - 1.5 A QUAD DARLINGTON SWITCHES
ULN2064B STMICROELECTRONICS-ULN2064B Datasheet
279Kb / 14P
   50 V - 1.5 A quad Darlington switches
logo
Allegro MicroSystems
2064 ALLEGRO-2064 Datasheet
203Kb / 12P
   QUAD 1.5 A DARLINGTON SWITCHES
logo
Motorola, Inc
ULN2068 MOTOROLA-ULN2068 Datasheet
125Kb / 6P
   QUAD 1.5 A DARLINGTON SWITCH
logo
Allegro MicroSystems
ULS-2064H ALLEGRO-ULS-2064H Datasheet
1Mb / 12P
   1.25 A QUAD DARLINGTON SWITCHES
logo
STMicroelectronics
L6220 STMICROELECTRONICS-L6220 Datasheet
231Kb / 12P
   QUAD DARLINGTON SWITCHES
ULN2064B STMICROELECTRONICS-ULN2064B_03 Datasheet
1,009Kb / 8P
   50V - 1.5A QUAD DARLINGTON SWITCHES
logo
Allegro MicroSystems
2878 ALLEGRO-2878 Datasheet
222Kb / 8P
   QUAD HIGH-CURRENT DARLINGTON SWITCHES
logo
STMicroelectronics
ULN2064B-ULN2066B STMICROELECTRONICS-ULN2064B-ULN2066B Datasheet
98Kb / 8P
   50V - 1.5A QUAD DARLINGTON SWITCHES
logo
Analog Devices
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com