Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4252-1CMS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4252-1CMS8
Description  Negative Voltage Hot Swap Controllers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4252-1CMS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4252-1CMS8 Datasheet HTML 2Page - Linear Technology LTC4252-1CMS8 Datasheet HTML 3Page - Linear Technology LTC4252-1CMS8 Datasheet HTML 4Page - Linear Technology LTC4252-1CMS8 Datasheet HTML 5Page - Linear Technology LTC4252-1CMS8 Datasheet HTML 6Page - Linear Technology LTC4252-1CMS8 Datasheet HTML 7Page - Linear Technology LTC4252-1CMS8 Datasheet HTML 8Page - Linear Technology LTC4252-1CMS8 Datasheet HTML 9Page - Linear Technology LTC4252-1CMS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LTC4252-1/LTC4252-2
LTC4252A-1/LTC4252A-2
6
425212fb
TYPICAL PERFOR A CE CHARACTERISTICS
IGATE (ACL, Sinking)
vs Temperature
IGATE (FCL, Sinking)
vs Temperature
VGATE vs Temperature
VSS vs Temperature
RSS vs Temperature
ISS (Sinking) vs Temperature
VOS vs Temperature
(VACL + VOS)/VSS vs Temperature
IGATE (Sourcing) vs Temperature
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4252-1/2 G26
2.40
2.35
2.30
2.25
2.20
2.15
2.10
2.05
2.00
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4252-1/2 G28
110
108
106
104
102
100
98
96
94
92
90
TEMPERATURE (
°C)
–55 –35 –15
0
5
15
20
25
65
85 105
45
4252-1/2 G39
10
5
25
45
125
30
35
40
UV = OV = VSENSE = VEE
IIN = 2mA
VSS = 2V
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4252-1/2 G29
11.0
10.8
10.6
10.4
10.2
10.0
9.8
9.6
9.4
9.2
9.0
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4252-1/2 G30
0.060
0.058
0.056
0.054
0.052
0.050
0.048
0.046
0.044
0.042
0.040
TEMPERATURE (
°C)
–55
70
65
60
55
50
45
40
–15
25
45
125
4252-1/2 G10
–35
5
65
85 105
UV/0V = 4V
TIMER = 0V
VSENSE = VEE
VGATE = 0V
TEMPERATURE (
°C)
–55
30
25
20
15
10
5
0
–15
25
45
125
4252-1/2 G11
–35
5
65
85 105
UV/0V = 4V
TIMER = 0V
VSENSE – VEE = 0.15V
VGATE = 3V
TEMPERATURE (
°C)
–55
400
350
300
250
200
150
100
50
0
–15
25
45
125
4252-1/2 G12
–35
5
65
85 105
UV/0V = 4V
TIMER = 0V
VSENSE – VEE = 0.3V
VGATE = 1V
TEMPERATURE (
°C)
–55
14.5
14.0
13.5
13.0
12.5
12.0
11.5
11.0
10.5
10.0
–15
25
45
125
4252-1/2 G13
–35
5
65
85 105
UV/0V = 4V
TIMER = 0V
VSENSE = VEE


Similar Part No. - LTC4252-1CMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4252-1 LINER-LTC4252-1 Datasheet
278Kb / 24P
   Dual Supply Hot Swap Controller for Advanced Mezzanine Card
LTC4252-1 LINER-LTC4252-1 Datasheet
310Kb / 34P
   ??8V Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
logo
Analog Devices
LTC4252-1 AD-LTC4252-1 Datasheet
3Mb / 82P
   High Power Negative Voltage Hot Swap Controller with Energy Monitor
LTC4252-1 AD-LTC4252-1 Datasheet
2Mb / 74P
   Negative Voltage Hot Swap Controller with Energy Monitor
More results

Similar Description - LTC4252-1CMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-2 LINER-LTC4252-2_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252A-1 LINER-LTC4252A-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252A-2 LINER-LTC4252A-2_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252C-1 LINER-LTC4252C-1_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252C-2 LINER-LTC4252C-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4214-2 LINER-LTC4214-2_15 Datasheet
282Kb / 32P
   Negative Low Voltage Hot Swap Controllers
LTC4214-1 LINER-LTC4214-1_15 Datasheet
282Kb / 32P
   Negative Low Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com