Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3DV416DGGR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TS3DV416DGGR
Description  4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3DV416DGGR Datasheet(HTML) 5 Page - Texas Instruments

  TS3DV416DGGR Datasheet HTML 1Page - Texas Instruments TS3DV416DGGR Datasheet HTML 2Page - Texas Instruments TS3DV416DGGR Datasheet HTML 3Page - Texas Instruments TS3DV416DGGR Datasheet HTML 4Page - Texas Instruments TS3DV416DGGR Datasheet HTML 5Page - Texas Instruments TS3DV416DGGR Datasheet HTML 6Page - Texas Instruments TS3DV416DGGR Datasheet HTML 7Page - Texas Instruments TS3DV416DGGR Datasheet HTML 8Page - Texas Instruments TS3DV416DGGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.ti.com
Electrical Characteristics
(1)
Switching Characteristics
Dynamic Characteristics
TS3DV416
4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH
FOR DVI/HDMI APPLICATIONS
SCDS198C – OCTOBER 2005 – REVISED MAY 2006
for high-frequency switching over recommended operating free-air temperature range, V
DD = 3.3 V ± 0.3 V
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
VIK
SEL
VDD = 3.6 V,
IIN = –18 mA
–0.7
–1.2
V
IIH
SEL
VDD = 3.6 V,
VIN = VDD
±1
µA
IIL
SEL
VDD = 3.6 V,
VIN = GND
±1
µA
Ioff
VDD = 0,
VO = 0 to 3.6 V,
VI = 0
1
µA
IDD
VDD = 3.6 V,
II/O = 0,
Switch ON or OFF
250
600
µA
CIN
SEL
f = 1 MHz,
VIN = 0
2.5
3
pF
COFF
B port
VI = 0,
f = 1 MHz,
Outputs open,
Switch OFF
3.5
4
pF
CON
VI = 0,
f = 1 MHz,
Outputs open,
Switch ON
10
10.9
pF
ron
VDD = 3 V,
1.5 V
≤ V
I ≤ VDD,
IO = –40 mA
4
8
ron(flat)(3)
VDD = 3 V,
VI = 1.5 V and VDD,
IO = –40 mA
0.7
∆r
on
(4)
VDD = 3 V,
1.5 V
≤ V
I ≤ VDD,
IO = –40 mA
0.2
1.2
(1)
VI, VO, II, and IO refer to I/O pins. VIN refers to the control inputs.
(2)
All typical values are at VDD = 3.3 V (unless otherwise noted), TA = 25°C.
(3)
ron(flat) is the difference of ron in a given channel at specified voltages.
(4)
∆r
on is the difference of ron from center (A4, A5) ports to any other port.
over recommended operating free-air temperature range, V
DD = 3.3 V ± 0.3 V, RL = 200 Ω, CL = 10 pF
(unless otherwise noted) (see Figure 4 and Figure 5)
FROM
TO
PARAMETER
MIN
TYP(1)
MAX
UNIT
(INPUT)
(OUTPUT)
tpd(2)
A or B
B or A
0.04
ns
tPZH, tPZL
SEL
A or B
1.5
11.5
ns
tPHZ, tPLZ
SEL
A or B
1
8.5
ns
tsk(o)(3)
A or B
B or A
0.1
0.2
ns
tsk(p)(4)
0.1
0.2
ns
(1)
All typical values are at VDD = 3.3 V (unless otherwise noted), TA = 25°C.
(2)
The propagation delay is the calculated RC time constant of the typical ON-state resistance of the switch and the specified load
capacitance when driven by an ideal voltage source (zero output impedance).
(3)
Output skew between center port (A4 to A5) to any other port
(4)
Skew between opposite transitions of the same output in a given device |tPHL– tPLH|
over recommended operating free-air temperature range, V
DD = 3.3 V ± 0.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TYP(1)
UNIT
XTALK
RL = 100 Ω,
f = 250 MHz,
See Figure 7
–41
dB
OIRR
RL = 100 Ω,
f = 250 MHz,
See Figure 8
–39
dB
BW
See Figure 6
900
MHz
(1)
All typical values are at VDD = 3.3 V (unless otherwise noted), TA = 25°C.
5
Submit Documentation Feedback


Similar Part No. - TS3DV416DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3DV416DGGR TI-TS3DV416DGGR Datasheet
509Kb / 17P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MUX SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV416DGGR TI-TS3DV416DGGR Datasheet
362Kb / 19P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV416DGGR TI-TS3DV416DGGR Datasheet
469Kb / 18P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV416DGGRE4 TI-TS3DV416DGGRE4 Datasheet
509Kb / 17P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MUX SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV416DGGRE4 TI-TS3DV416DGGRE4 Datasheet
362Kb / 19P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
More results

Similar Description - TS3DV416DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3DV421 TI-TS3DV421 Datasheet
654Kb / 19P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV416 TI-TS3DV416_07 Datasheet
362Kb / 19P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV416 TI-TS3DV416_09 Datasheet
469Kb / 18P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV416 TI-TS3DV416 Datasheet
509Kb / 17P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MUX SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV520 TI-TS3DV520 Datasheet
285Kb / 15P
[Old version datasheet]   5-CHANNEL DIFFERENTIAL 10:20 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV520E TI-TS3DV520E Datasheet
299Kb / 15P
[Old version datasheet]   5-CHANNEL DIFFERENTIAL 10:20 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV520RHURG4 TI-TS3DV520RHURG4 Datasheet
472Kb / 20P
[Old version datasheet]   5-CHANNEL DIFFERENTIAL 10:20 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV520E TI-TS3DV520E_10 Datasheet
618Kb / 19P
[Old version datasheet]   5-CHANNEL DIFFERENTIAL 10:20 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
logo
Pericom Semiconductor C...
PI3HDMI414 PERICOM-PI3HDMI414 Datasheet
944Kb / 10P
   4-Differential Channel, 4:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch
logo
Texas Instruments
TMDS442 TI-TMDS442 Datasheet
1Mb / 45P
[Old version datasheet]   4-TO-2 DVI/HDMI SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com