Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBT09605 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBT09605
Description  96MHz SAW Filter 5MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT09605 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBT09605 Datasheet HTML 1Page - SIPAT Co,Ltd LBT09605 Datasheet HTML 2Page - SIPAT Co,Ltd LBT09605 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT09605
Rev. Date
2005-12-20
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
96MHz SAW Filter
5MHz Bandwidth
Part Number:LBT09605
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
95.9
96
96.1
Insertion Loss
dB
-
13.9
16
1 dB Bandwidth
MHz
5
5.52
-
3 dB Bandwidth
MHz
-
6.14
-
15 dB Bandwidth
MHz
-
7.21
8
40 dB Bandwidth
MHz
-
8.91
-
50 dB Bandwidth
MHz
-
10.07
-
Passband Variation
in 1dB Bandwidth
dB
-
0.3
0.8
Absolute Delay
usec
-
1.45
Phase Linearity(f0±2.5MHz)
-
4
Group Delay Variation
(in 1dB Bandwidth)
nsec
-
30
80
Ultimate Rejection(40 to 87MHz)
dB
43
56
-
Ultimate Rejection(111 to 150MHz)
dB
43
61
-
Material Temperature coefficient
KHz/°C
-1.728
Ambient Temperature
°C
25
Package Size
SMD13.3*6.5
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=L2=180nH
C1=C2=47pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
L2
L1
C1
C2


Similar Part No. - LBT09605

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT09605 SIPAT-LBT09605 Datasheet
150Kb / 3P
   96MHz SAW Filter 5MHz Bandwidth
More results

Similar Description - LBT09605

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT09611 SIPAT-LBT09611 Datasheet
155Kb / 3P
   96MHz SAW Filter 5MHz Bandwidth
LBT09606 SIPAT-LBT09606 Datasheet
299Kb / 3P
   96MHz SAW Filter 5MHz Bandwidth
LBT09611 SIPAT-LBT09611 Datasheet
155Kb / 3P
   96MHz SAW Filter 5MHz Bandwidth
LBT09605 SIPAT-LBT09605 Datasheet
150Kb / 3P
   96MHz SAW Filter 5MHz Bandwidth
LBT09606 SIPAT-LBT09606 Datasheet
305Kb / 3P
   96MHz SAW Filter 5MHz Bandwidth
LBT09609 SIPAT-LBT09609 Datasheet
148Kb / 3P
   96MHz IF SAW Filter 5MHz Bandwidth
LBT09609 SIPAT-LBT09609 Datasheet
153Kb / 3P
   96MHz IF SAW Filter 5MHz Bandwidth
LBN09603 SIPAT-LBN09603 Datasheet
147Kb / 3P
   96MHz SAW Filter 22MHz Bandwidth
LBN09607 SIPAT-LBN09607 Datasheet
151Kb / 4P
   96MHz SAW Filter 10MHz Bandwidth
LBN09604 SIPAT-LBN09604 Datasheet
289Kb / 3P
   96MHz SAW Filter 35MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com