Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC29IRGZR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC29IRGZR
Description  STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC29IRGZR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV320AIC29IRGZR Datasheet HTML 2Page - Texas Instruments TLV320AIC29IRGZR Datasheet HTML 3Page - Texas Instruments TLV320AIC29IRGZR Datasheet HTML 4Page - Texas Instruments TLV320AIC29IRGZR Datasheet HTML 5Page - Texas Instruments TLV320AIC29IRGZR Datasheet HTML 6Page - Texas Instruments TLV320AIC29IRGZR Datasheet HTML 7Page - Texas Instruments TLV320AIC29IRGZR Datasheet HTML 8Page - Texas Instruments TLV320AIC29IRGZR Datasheet HTML 9Page - Texas Instruments TLV320AIC29IRGZR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 87 page
background image
TLV320AIC29
SLAS494B − DECEMBER 2005 − REVISED OCTOBER 2007
www.ti.com
6
ELECTRICAL CHARACTERISTICS (continued)
At +25
°C, AVDD1, AVDD2, DRVDD, IOVDD = 3.3 V, BVDD = 3.9 V, DVDD = 1.8 V, Int. Vref = 2.5 V, Fs (Audio) = 48 kHz, unless otherwise
noted (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
MICROPHONE INPUT TO ADC
MICIN_HED 1020 Hz sine wave input,
Fs = 48 ksps
Full-scale input voltage (0 dB)
0.707
Vrms
Input Common Mode
1.5
V
SNR
Measured as idle channel noise, 0 dB gain,
A-weighted
80
90
dBA
THD
0.63 Vrms input, 0-dB gain
−81
−72
dB
PSRR
217 Hz, 100 mV on AVDD1/2(1)
55
dB
PSRR
1020 Hz, 100 mV on AVDD1/2(1)
55
dB
Mute attenuation
Output code with 0.63 Vrms sine wave input at
1 kHz
0000H
Input resistance
Only ADC on
15
50
k
Input resistance
ADC and Sidetone on
8
16
k
Input capacitance
10
pF
HEADSET MICROPHONE BIAS
Control register 1DH/Page 2, D7−D8=00
3.3
Voltage range
Control register 1DH/Page 2, D7−D8=01
2.5
V
Voltage range
Control register 1DH/Page 2, D7−D8=1X
2
V
217 Hz, 100 mV on AVDD1/2
55
PSRR
217 Hz, 100 mV on BVDD
77
dB
PSRR
1020 Hz, 100 mV on AVDD1/2
55
dB
1020 Hz, 100 mV on BVDD
77
Sourcing current
5
mA
HANDSET MICROPHONE BIAS
Voltage range
Control register 1DH/Page 2, D6=0
2.5
V
Voltage range
Control register 1DH/Page 2, D6=1
2
V
PSRR
217 Hz, 100 mV on AVDD1/2
55
dB
PSRR
1020 Hz, 100 mV on AVDD1/2
55
dB
Sourcing current
5
mA
DAC INTERPOLATION FILTER
Pass band
20
0.45Fs
Hz
Pass band ripple
±0.06
dB
Transition band
0.45Fs
0.55Fs
Hz
Stop band
0.550Fs
7.455Fs
Hz
Stop band attenuation
65
dB
Filter group delay
21/Fs
Sec
De-emphasis error
±0.1
dB
(1) ADC PSRR measurement is calculated as:
PSRR
+ 20 log
10
VSIGsup
V
ADCOUT
where VSIGsup is the ac signal applied on AVDD1/2, which is 100 mVPP at 1020 Hz, and
V
ADCOUT +
Amplitude of Digital Output
Max Possible Digital Amplitude


Similar Part No. - TLV320AIC29IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC29IRGZR TI-TLV320AIC29IRGZR Datasheet
978Kb / 85P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29IRGZR TI-TLV320AIC29IRGZR Datasheet
1Mb / 94P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29IRGZRG4 TI-TLV320AIC29IRGZRG4 Datasheet
1Mb / 94P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
More results

Similar Description - TLV320AIC29IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28 TI-TLV320AIC28_08 Datasheet
1Mb / 85P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28 TI-TLV320AIC28 Datasheet
792Kb / 81P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29 Datasheet
978Kb / 85P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_07 Datasheet
1Mb / 94P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320DAC3203 TI1-TLV320DAC3203 Datasheet
890Kb / 35P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Integrated Headphone Amplifiers
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
   Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Texas Instruments
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
logo
National Semiconductor ...
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 NSC-LM4930 Datasheet
966Kb / 33P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com